Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 61Page - STMicroelectronics L6718 Datasheet HTML 62Page - STMicroelectronics L6718 Datasheet HTML 63Page - STMicroelectronics L6718 Datasheet HTML 64Page - STMicroelectronics L6718 Datasheet HTML 65Page - STMicroelectronics L6718 Datasheet HTML 66Page - STMicroelectronics L6718 Datasheet HTML 67Page - STMicroelectronics L6718 Datasheet HTML 68Page - STMicroelectronics L6718 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
DocID023399 Rev 3
65/71
L6718
Power dissipation and application details
13
Power dissipation and application details
13.1
High-current embedded drivers
The L6718 integrates 3 high-current drivers in control which can work for multi-rail and
single-rail. By reducing the number of external components, this integration optimizes the
cost and space of the motherboard solution.
The driver for the high-side MOSFET uses the BOOTx pins for supply and the PHASEx pins
for return. The driver for the low-side MOSFET uses the VCC12 pin for supply and the GND
exposed pad for return.
The embedded driver embodies an anti-shoot-through and adaptive deadtime control to
minimize low-side body diode conduction time maintaining good efficiency and saving the
use of diodes: when the high-side MOSFET turns off, the voltage on its source begins to fall;
when the voltage reaches about 2 V, the low-side MOSFET gate drive voltage is suddenly
applied. When the low-side MOSFET turns off, the voltage at the LGATE pin is sensed.
When it drops below about 1 V, the high-side MOSFET gate drive voltage is suddenly
applied. If the current flowing in the inductor is negative, the source of the high-side
MOSFET never drops. To allow the low-side MOSFET to turn on even in this case, a
watchdog controller is enabled: if the source of the high-side MOSFET does not drop, the
low-side MOSFET is switched on, therefore allowing the negative current of the inductor to
recirculate. This allows the system to regulate even if the current is negative.
13.2
Boot diode and capacitor design
The bootstrap capacitor must be designed in order to show a negligible discharge due to the
high-side MOSFET turn-on. In fact, it must give a stable voltage supply to the high-side
driver during the MOSFET turn-on, also minimizing the power dissipated by the embedded
boot diode.
To prevent the bootstrap capacitor from extra-charging as a consequence of large negative
spikes, an external series resistance RBOOT (in the range of few Ohm) may be required in
series to the BOOTx pins.
One external Schottky boot diode must be added to each channel, between the high-side
driver power supply and the BOOTx pins.
13.3
Device power dissipation
As the L6718 embeds three high-current MOSFET drivers for both high-side and low-side
MOSFETs, it is important to consider the power the device is going to dissipate in driving
them, in order to avoid the maximum junction operative temperature being exceeded.
The exposed pad (PGND pin) must be soldered to the PCB power ground plane through
several VIAs in order to facilitate the heat dissipation.
Two main terms contribute to the device power dissipation: bias power and driver power.
Device power (PDC) depends on the static consumption of the device through the
supply pins and it is simply quantifiable as follows (assuming HS and LS drivers are
supplied with the same VCC of the device):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com