Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 38Page - STMicroelectronics L6718 Datasheet HTML 39Page - STMicroelectronics L6718 Datasheet HTML 40Page - STMicroelectronics L6718 Datasheet HTML 41Page - STMicroelectronics L6718 Datasheet HTML 42Page - STMicroelectronics L6718 Datasheet HTML 43Page - STMicroelectronics L6718 Datasheet HTML 44Page - STMicroelectronics L6718 Datasheet HTML 45Page - STMicroelectronics L6718 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
L6718 power manager
L6718
42/71
DocID023399 Rev 3
7
L6718 power manager
The L6718 power manager, configured by pins CONFIG2/SCL and CONFIG3/SDA,
provides a large number of configuration settings and monitoring to increase the
performance of both rails of the step-down DC-DC voltage regulator.
These pins can be configured in 2 different modes by setting ON/OFF the SMBus by
CONFIG0 pinstrapping (see Section 6.6.1 and Section 6.6.2 for details).
SCL and SDA (if SMBus is set ON): power management is provided from a master
with SMBus communication interface through two-wire clock (SCL) and data
(SDA) which guarantee a high level programmability (setting and monitoring) while
the system is running.
CONFIG2 and CONFIG 3 (if SMBus is set OFF): power management is provided
with 2 pinstrappings set during the startup (see Section 6.6.5 and Section 6.6.6 for
details).
7.1
SMBus power manager
The SMBus interface is set by CONFIG0 pinstrapping. The L6718 features a second power
manager bus to easily implement power management features as well as overspeeding
while the application is running. The power manager SMBus is operative after VREADY is
driven high at the end of the soft-start.
Once the controller is predisposed to use the SMBus interface, CONFIG2/SCL and
CONFIG3/SDA pins are set as digital input clock (SCL) and data (SDA).
SMBus interface communication is based on a two-wire clock and data which connect a
master to one or more slaves addressed separately. The master starts the SMBus
transaction and drives the clock and the data signals. The slave (L6718) receives the
transaction and acts accordingly. In the case of a reading command, the slave drives the
data signal to reply to the bus with a byte or a word.
The L6718 SMBus address for multi-phase and single-phase rails can be selected at startup
by the choice of the configuration mode and pinstrapping (see Table 14).
In CPU mode the SMBus address depends on the choice of SVID address which is 00h
typically but can be selected to 01h only in MRO (see Section 6.3.1).
In DDR mode the SMBus address depends on the status of Add_Dom selectable from
CONFIG1 pinstrapping (seeSection 6.6.4).
The single-phase rail in DDR mode can be addressed only in Jmode.
The L6718 SMBus commands are able to change dynamically the status of the voltage
regulator, the DPM strategy, the VFDE, and some protection thresholds, as shown in
Table 15.
Power SMBus protocol is based on the system management bus (SMBus) specification ver.
2.0 which can run up to 400 kHz.
Cycling VCC resets the register to the default configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com