Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 10Page - STMicroelectronics L6718 Datasheet HTML 11Page - STMicroelectronics L6718 Datasheet HTML 12Page - STMicroelectronics L6718 Datasheet HTML 13Page - STMicroelectronics L6718 Datasheet HTML 14Page - STMicroelectronics L6718 Datasheet HTML 15Page - STMicroelectronics L6718 Datasheet HTML 16Page - STMicroelectronics L6718 Datasheet HTML 17Page - STMicroelectronics L6718 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
Pin description and connection diagrams
L6718
14/71
DocID023399 Rev 3
17
SRGND
Single-phase rail remote ground sense.
Connect to the negative side of the single-phase rail load to perform
remote sense.
See Section 14 for proper layout of this connection.
18
SVSEN
Single-rail output voltage monitor.
Manages OVP/UVP protection and feedback disconnection. Connect to
the positive side of the load to perform remote sense. It is also the sense
for the single-phase rail LTB.
Connect to the positive side of the single-phase rail load to perform
remote sense.
See Section 14 for proper layout of this connection.
19
SFB
Error amplifier inverting input.
Connect with a resistor RSFB to SVSEN and with (RSF - CSF)// CSP to
SCOMP. A current proportional to the load current is supplied from this pin
in order to implement the droop effect. See Section 8.4 for details.
20
SCOMP
Error amplifier output.
Connect with an (RSF - CSF)// CSP to SFB. The device cannot be disabled
by pulling this pin low.
21
SIMON
Current monitor output.
A current proportional to the output current is sourced from this pin.
Connect through a resistor RSIMON to local GND. Based on pin voltage,
overcurrent protection can be triggered. Filtering through CSIMON to GND
allows control of the delay for OC intervention. See Section 9.2 for RSIMON
definition.
22
SREF/JEN
The reference used for the regulation of the single-rail section is available
on this pin with -100 mV + offset. Connect through an RSREF-CSREF to
SRGND to optimize DVID transitions. See Section 8.6 for details.
If Jmode is selected by Config1 pinstrapping, this pin is used as a logic
input for the single-phase rail enable. Pulling this pin up above 0.8 V, the
single-phase rail turns on.
23
ENABLE
Enable pin.
External pull-up is needed on this pin.
Forced low to disable the device with all MOSFETs OFF: all protection is
disabled except for preliminary overvoltage.
Over 0.65 V the device turns up.
Cycle this pin to recover latch from protection, filter with 1 nF (typ.) to
GND.
24
STCOMP/
DDR
Thermal monitor sensor gain and DDR selected.
Connect proper resistor divider between VCC5 and GND to define the
gain to apply to the signal sensed by ST to implement thermal
compensation for the single-phase rail. See Section 10 for details. Short to
GND to disable thermal compensation and set the device to DDR mode.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com