Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 58Page - STMicroelectronics L6718 Datasheet HTML 59Page - STMicroelectronics L6718 Datasheet HTML 60Page - STMicroelectronics L6718 Datasheet HTML 61Page - STMicroelectronics L6718 Datasheet HTML 62Page - STMicroelectronics L6718 Datasheet HTML 63Page - STMicroelectronics L6718 Datasheet HTML 64Page - STMicroelectronics L6718 Datasheet HTML 65Page - STMicroelectronics L6718 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
System control loop compensation
L6718
62/71
DocID023399 Rev 3
12
System control loop compensation
The multi-phase rail control system can be modeled with an equivalent single-phase rail
converter with the only difference being the equivalent inductor L/N (where each phase has
an L inductor and N is the number of the configured phases), see Figure 15.
Figure 15. Equivalent control loop
The control loop gain results (obtained opening the loop after the COMP pin):
Equation 14
where:
RLL is the equivalent output resistance determined by the droop function (voltage
positioning)
ZP(s) is the impedance resulting from the parallel of the output capacitor (and its ESR)
and the applied load RO
ZF(s) is the compensation network impedance
ZL(s) is the equivalent inductor impedance
A(s) is the error amplifier gain
is the PWM transfer function.
The control loop gain is designed in order to obtain a high DC gain to minimize static error
and to cross the 0dB axes with a constant -20 dB/dec slope with the desired crossover
frequency
ω T. Neglecting the effect of ZF(s), the transfer function has one zero and two
Ref
COMP
RF
CF
RFB
PWM
L/N
ESR
CO
d VCOMP
VOUT
ZF(s)
ZFB(s)
VID
AM12889v1
G
LOOP s
()
PWM
Z
F s
()
R
LL
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
+
-------------------------------------------------------------------------------------------------------------------------
=
PWM
9
10
------
V
IN
ΔV
OSC
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com