Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 29Page - STMicroelectronics L6718 Datasheet HTML 30Page - STMicroelectronics L6718 Datasheet HTML 31Page - STMicroelectronics L6718 Datasheet HTML 32Page - STMicroelectronics L6718 Datasheet HTML 33Page - STMicroelectronics L6718 Datasheet HTML 34Page - STMicroelectronics L6718 Datasheet HTML 35Page - STMicroelectronics L6718 Datasheet HTML 36Page - STMicroelectronics L6718 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
DocID023399 Rev 3
33/71
L6718
Device configuration
Table 8. CONFIG0/PSI0 pinstrapping in CPU MODE
Pinstrapping (1)
divider (KOhm)
SWAP
mode
SMBus
SVID (2)
status
Jmode ON (3)
Jmode OFF &
MRO disable (4)
MRO enable (5)
R up
R down
SVID
ADD
Multi
Vboot
SIMA
X
Multi
Vboot
Single
Vboot
SIMAX
/ ADD
Multi
Vboot
13
36
OFF
OFF
Debug
00h
1 V
30 A
1 V
1 V
Not applicable
24
27
OFF
OFF
Debug
00h
0.9 V
30 A
0 V
0.9 V
24
30
OFF
OFF
Debug
00h
1.1 V
30 A
0 V
1.1 V
27
100
OFF
OFF
Operating
00h
0 V
30 A
0 V
0 V
16
51
OFF
OFF
Debug
01h
1 V
35 A
1 V
1 V
16
39
OFF
OFF
Debug
01h
0.9 V
35 A
0 V
0.9 V
13
18
OFF
OFF
Debug
01h
1.1 V
35 A
0 V
1.1 V
18
110
OFF
OFF
Operating
01h
0 V
35 A
0 V
0 V
91
12
OFF
ON
Debug
00h
1 V
30 A
1 V
1 V
120
51
OFF
ON
Debug
00h
0.9 V
30 A
0 V
0.9 V
91
15
OFF
ON
Debug
00h
1.1V
30 A
0 V
1.1 V
120
39
OFF
ON
Operating
00h
0 V
30 A
0 V
0 V
100
20
OFF
ON
Debug
01h
1 V
35 A
1 V
1 V
14,7
15
OFF
ON
Debug
01h
0.9 V
35 A
0 V
0.9 V
39
11
OFF
ON
Debug
01h
1.1 V
35 A
0 V
1.1 V
43
16
OFF
ON
Operating
01h
0 V
35 A
0 V
0 V
75
18
ON
OFF
Debug
00h
1 V
30A
1 V
1 V
00h
1 V
68
56
ON
OFF
Debug
00h
0.9 V
30A
0 V
0.9 V
00h
0.9 V
47
43
ON
OFF
Debug
00h
1.1 V
30A
0 V
1.1 V
00h
1.1 V
82
39
ON
OFF
Operating
00h
0 V
30A
0 V
0 V
00h
0 V
36
62
ON
OFF
Debug
01h
1 V
35A
1 V
1 V
01h
1 V
39
75
ON
OFF
Debug
01h
0.9 V
35A
0 V
0.9 V
01h
0.9 V
33
51
ON
OFF
Debug
01h
1.1 V
35A
0 V
1.1 V
01h
1.1 V
18
39
ON
OFF
Operating
01h
0 V
35A
0 V
0 V
01h
0 V
750
10
ON
ON
Debug
00h
1 V
30A
1 V
1 V
00h
1 V
56
30
ON
ON
Debug
00h
0.9 V
30A
0 V
0.9 V
00h
0.9 V
20
12
ON
ON
Debug
00h
1.1 V
30A
0 V
1.1 V
00h
1.1 V
390
16
ON
ON
Operating
00h
0 V
30A
0 V
0 V
00h
0 V
390
27
ON
ON
Debug
01h
1 V
35A
1 V
1 V
01h
1 V
36
24
ON
ON
Debug
01h
0.9 V
35A
0 V
0.9 V
01h
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com