Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 16Page - STMicroelectronics L6718 Datasheet HTML 17Page - STMicroelectronics L6718 Datasheet HTML 18Page - STMicroelectronics L6718 Datasheet HTML 19Page - STMicroelectronics L6718 Datasheet HTML 20Page - STMicroelectronics L6718 Datasheet HTML 21Page - STMicroelectronics L6718 Datasheet HTML 22Page - STMicroelectronics L6718 Datasheet HTML 23Page - STMicroelectronics L6718 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
Electrical specifications
L6718
20/71
DocID023399 Rev 3
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
(VCC = 5 V ± 5%, TJ = 0 °C to 70 °C unless otherwise specified).
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC12
To GND
-0.3 to 7.5
V
VBOOTX-VPHASEx
-0.3 to VCC12 + 0.3
V
Positive peak voltage t<400 ns
15
V
VUGATEx-VPHASEx
-0.3 to VCC12 + 0.3
V
LGATEx to GND
-0.3 to VCC12 + 0.3
V
VPHASEX
Negative peak voltage to GND t<
400 ns. BOOT>3.5 V
-8
V
Positive peak voltage to GND t< 200
ns
35
V
VCC5, STM, TM, PWM3, PWM4,
SIMAX,IMAX, CONFIGX,
To GND
-0.3 to 7
V
All other pins
To GND
-0.3 to 3.6
V
Maximum withstanding voltage range
test condition: JEDEC/JS001- “human
body model” acceptance criteria:
“normal performance”
BOOTx
± 500
V
Other pins
± 1000
V
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
ICC5
VCC5 supply current
ENABLE = High
20
mA
ENABLE = Low
15
mA
ICC12
VCC12 supply current
ENABLE = High; Lgate open
Phase to GND; BOOT=7 V
12
mA
ENABLE = Low
1
mA
IBOOTX
BOOTX supply current
ENABLE = High; Ugate open
Phase to GND; BOOT=7 V
0.9
mA
Power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com