Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 59Page - STMicroelectronics L6718 Datasheet HTML 60Page - STMicroelectronics L6718 Datasheet HTML 61Page - STMicroelectronics L6718 Datasheet HTML 62Page - STMicroelectronics L6718 Datasheet HTML 63Page - STMicroelectronics L6718 Datasheet HTML 64Page - STMicroelectronics L6718 Datasheet HTML 65Page - STMicroelectronics L6718 Datasheet HTML 66Page - STMicroelectronics L6718 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
DocID023399 Rev 3
63/71
L6718
System control loop compensation
poles; both poles are fixed once the output filter is designed (LC filter resonance
ω LC) and
the zero (
ω ESR) is fixed by ESR and the droop resistance.
Figure 16. Control loop Bode diagram and fine tuning
To obtain the desired shape, an RF - CF series network is considered for the ZF(s)
implementation. A zero at
ω F=1/RFCF is then introduced together with an integrator. This
integrator minimizes the static error while placing the zero
ωF in correspondence with the L-
C resonance assures a simple -20 dB/dec shape of the gain.
In fact, considering the usual value for the output filter, the LC resonance results as a
frequency lower than the above reported zero.
The compensation network can be designed as follows:
Equation 15
Equation 16
12.1
Compensation network guidelines
The compensation network design assures a system that responds according to the cross-
over frequency selected and to the output filter considered: it is anyway possible to further
fine-tune the compensation network modifying the bandwidth in order to get the best
response of the system as follows (see Figure 15):
Increase RF to increase the system bandwidth accordingly.
Decrease RF to decrease the system bandwidth accordingly.
Increase CF to move ω F to low frequencies increasing as a consequence the
system phase margin.
Even with fast compensation network design the load requirement can be limited by the
inductor value because it limits the maximum dI/dt that the system can afford. In fact, when
a load transient is applied, the best that the controller can do is to “saturate” the duty cycle to
its maximum (dMAX) or minimum (0) value. The output voltage dV/dt is then limited by the
inductor charge/discharge time and by the output capacitance. In particular, the most
dB
w
ZF(s)
GLOOP(s)
K
wLC = wF
wESR
wT
RF[dB]
dB
w
ZF(s)
GLOOP(s)
K
wLC = wF
wESR
wT
RF[dB]
RF
CF
AM12890v1
R
F
R
FB
ΔV
OSC
V
IN
-------------------------------------
10
9
------
F
SW
L
R
LL
ESR
+
()
----------------------------------
⋅⋅
=
C
F
C
O
L
R
F
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com