Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 51Page - STMicroelectronics L6718 Datasheet HTML 52Page - STMicroelectronics L6718 Datasheet HTML 53Page - STMicroelectronics L6718 Datasheet HTML 54Page - STMicroelectronics L6718 Datasheet HTML 55Page - STMicroelectronics L6718 Datasheet HTML 56Page - STMicroelectronics L6718 Datasheet HTML 57Page - STMicroelectronics L6718 Datasheet HTML 58Page - STMicroelectronics L6718 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
DocID023399 Rev 3
55/71
L6718
Output voltage monitoring and protection
9
Output voltage monitoring and protection
The L6718 includes a complete set of protections: overvoltage, undervoltage, feedback
disconnection, overcurrent total and overcurrent per-phase.
The device monitors the voltage on the VSEN pin in order to manage OV, UV and feedback
disconnection while CS1- reads the voltage in order to detect VSEN disconnection. The
IMON pin is used to monitor total overcurrent and it shows different thresholds for different
operative conditions.
The device shows different thresholds when in different operative conditions but the
behavior in response to a protection event is still the same as described below.
Protection is active also during soft-start while it is properly increased during DVID
transitions with an additional delay to avoid false triggering.
Once the protection latches the device, a VCC cycle or enable cycle is needed to restart the
system. If protection occurs while the SMBus interface is used, a VCC cycle is necessary to
discharge the embedded register and reboot the system.
9.1
Overvoltage
During the soft-start or DVID, OVP threshold is fixed to 1.8 V, or 2.4 V if any offset is
present, until the VREADY is set, OVP then moves in tracking mode.
The OVP threshold is in tracking mode for both sections and it considers also an offset set
by SMBus or pinstrapping.
OVP is fixed if VOUT is set lower than 0.5 V. In this case, the OVP is set to 1.8 V with no
offset added or 2.4 V if offset is used.
When the voltage sensed by VSEN and/or SVSEN overcomes the OV threshold, the
controller acts in order to protect the load from excessive voltage levels, avoiding any
Table 18. L6718 protection at a glance
Section
Multi-phase
Single-phase
Overvoltage
(OV)
VSEN, SVSEN = +175/500 mV above Vref + Offset
Action: IC Latch; LS=ON & PWMx = 0 if required to keep the regulation to 250
mV; Other section: HiZ.
Undervoltage (UV)
VSEN, SVSEN = 500 mV below reference. Active after Ref > 500 mV
Action: IC Latch; both sections HiZ.
Overcurrent (OC)
Current monitor across inductor DCR. Dual protection, per-phase and average.
Action: UV-Like.
Feedback
disconnection
VSEN & FBG
VSEN or FBG not connected.
Action: IC Latch HiZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com