Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 30Page - STMicroelectronics L6718 Datasheet HTML 31Page - STMicroelectronics L6718 Datasheet HTML 32Page - STMicroelectronics L6718 Datasheet HTML 33Page - STMicroelectronics L6718 Datasheet HTML 34Page - STMicroelectronics L6718 Datasheet HTML 35Page - STMicroelectronics L6718 Datasheet HTML 36Page - STMicroelectronics L6718 Datasheet HTML 37Page - STMicroelectronics L6718 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
Device configuration
L6718
34/71
DocID023399 Rev 3
6.6.2
CONFIG0 in DDR mode (STCOMP=GND)
If the STCOM/DDR pin is short to GND, the device is set in DDR mode.
During startup, the CONFIG0/PSI0 pin works as CONFIG0 pinstrapping, and it is possible to
select the following (seeTable 9):
a)
Output voltage: VOUT can be selected to support DDR3 (1.5 V/1.35 V) and DDR4
(1.2 V). The only debug mode is for DDR3.
b)
SVID address: the serial VID address can be selected between 02h and 04h for
DDR3, while in DDR4 also the SVID address 06h or 08h can be selected. The
status of the SVID address can be used with the Address_Domain (settable by
CONFIG1 pinstrapping) to select also the SMBus address for the multi-phase rail
and the single-phase rail. See Table 14 for details.
c)
In DDR mode the debug configuration is not settable and SVID is set only in
operating mode (CLK to 25 MHz).
d)
SMBus: set SMBus OFF to disable SMBus function. As a consequence pins
CONFIG2/SDA and CONFIG3/SCL are used as pinstrapping CONFIG2 and
CONFIG3 (see Section 6.6.5 and Section 6.6.6). If SMBus is set ON, pins
CONFIG2/SDA and CONFIG3/SCL are set as serial data (SDA) and serial clock
(SCL) used for the SMBus communication (See Section 7.1).
e)
SWAP mode: set SWAP ON to enter SWAP mode. As a consequence all 3
embedded drivers run for the multi-phase rail (see Section 6.3).
27
20
ON
ON
Debug
01h
1.1 V
35 A
0 V
1.1 V
01h
1.1 V
150
15
ON
ON
Operating
01h
0 V
35 A
0 V
0 V
01h
0 V
1.
Suggested values, divider need to be connected between VCC5 pin and GND.
2.
The operating mode (SVID bus 25 MHz) is only with Vboot =0 V.
3.
The 0 V multi-phase rail Vboot is the only operating mode.
4.
If Jmode is OFF and MRO disabled, it is possible to select the single-phase rail maximum current and boot voltage.
5.
To select MRO see Section 6.3.1.
Table 8. CONFIG0/PSI0 pinstrapping in CPU MODE (continued)
Pinstrapping (1)
divider (KOhm)
SWAP
mode
SMBus
SVID (2)
status
Jmode ON (3)
Jmode OFF &
MRO disable (4)
MRO enable (5)
R up
R down
SVID
ADD
Multi
Vboot
SIMA
X
Multi
Vboot
Single
Vboot
SIMAX
/ ADD
Multi
Vboot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com