Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 47Page - STMicroelectronics L6718 Datasheet HTML 48Page - STMicroelectronics L6718 Datasheet HTML 49Page - STMicroelectronics L6718 Datasheet HTML 50Page - STMicroelectronics L6718 Datasheet HTML 51Page - STMicroelectronics L6718 Datasheet HTML 52Page - STMicroelectronics L6718 Datasheet HTML 53Page - STMicroelectronics L6718 Datasheet HTML 54Page - STMicroelectronics L6718 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
DocID023399 Rev 3
51/71
L6718
Output voltage positioning
Equation 1
Considering now the matching of the time constant between the inductor and the R-C filter
applied (time constant mismatches cause the introduction of poles into the current reading
network causing instability. In addition, it is also important for the load transient response
and to let the system show resistive equivalent output impedance) it results:
Equation 2
Figure 11. Current reading
The current read through the CSxP / CSxN pairs is converted into a current IINFOx
proportional to the current delivered by each phase and the information regarding the
average current IAVG = ΣIINFOx / N is internally built into the device (N is the number of
working phases). The error between the read current IINFOx and the reference IAVG is then
converted into a voltage that, with a proper gain, is used to adjust the duty cycle whose
dominant value is set by the voltage error amplifier in order to equalize the current carried by
each phase.
8.2
Multi-phase section - defining load-line
The L6718 introduces a dependence of the output voltage on the load current recovering
part of the drop due to the output capacitor ESR in the load transient. Introducing a
dependence of the output voltage on the load current, a static error, proportional to the
output current, causes the output voltage to vary according to the sensed current.
Figure 11 shows the current sense circuit used to implement the load-line. The current
flowing across the inductor(s) is read through the R-C filter across the CSxP and CSxN pins.
RG programs a trans-conductance gain and generates a current ICSx proportional to the
current of the phase. The sum of the ICSx current is then sourced by the FB pin (IDROOP).
RFB gives the final gain to program the desired load-line slope (Figure 10).
I
CSxN
DCR
R
G
-------------
1s
L
DCR
⁄
⋅
+
1s
R
C
⋅⋅
+
--------------------------------------------
I
⋅
PHASEx
⋅
=
L
DCR
-------------
RC
I
CSxN
R
L
R
G
--------
I
PHASEx
⋅
=
⇒
⋅
I
INFOx
==
Lx
CSxP
CSxN
DCRx
R
C
RG
IPHASEx
Inductor DCR Current Sense
ICSxN=IINFOx
V
OUT
AM12885v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com