Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 44Page - STMicroelectronics L6718 Datasheet HTML 45Page - STMicroelectronics L6718 Datasheet HTML 46Page - STMicroelectronics L6718 Datasheet HTML 47Page - STMicroelectronics L6718 Datasheet HTML 48Page - STMicroelectronics L6718 Datasheet HTML 49Page - STMicroelectronics L6718 Datasheet HTML 50Page - STMicroelectronics L6718 Datasheet HTML 51Page - STMicroelectronics L6718 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
L6718 power manager
L6718
48/71
DocID023399 Rev 3
Delay in the intervention of DPM can be set using a filter capacitor on the IMON pin. Higher
capacitance can be used to increase the DPM intervention delay.
7.4
VFDE
In both rails, if the delivered current is low that the CCM/DCM boundary is reached, the
controller is able to enter variable frequency diode emulation. As a consequence, the
switching frequency decreases in order to reach high efficiency performance.
In a common single-phase DC-DC converter, the boundary between CCM and DCM is
when the delivered current is perfectly equal to 1/2 of the peak-to-peak ripple in the inductor
(IOUT = Ipp/2). A further decrease of the load in this condition, maintaining CCM operation,
would cause the current in the inductor to reverse, therefore sinking the current from the
output for a part of the off-time. This results in a poor efficiency system.
The L6718 is able (via CSPx/CSNx pins) to detect the sign of the current across the inductor
(zero cross detection, ZCD) so it is able to recognize when the delivered current approaches
the CCM/DCM boundary. In VFDE operation, the controller fires the high-side MOSFET for
a TON and the low-side MOSFET for a TOFF (the same as when the controller works in
CCM mode) and waits the necessary time until next firing in high-impedance (HiZ). The
consequence of this behavior is a linear reduction of the “apparent” switching frequency
that, in turn, results in an improvement of the efficiency of the converter when in very light
load conditions.
To prevent entering into the audible range, the “apparent” switching frequency is reduced to
around 30 kHz by default, but this function can be disabled using the SMBus interface in
order to reach an even lower switching frequency.
Using the SMBus interface, VFDE (enable by default) can easily turn on/off on each rail
while, with SMBus OFF, it is possible to enable/disable VFDE by CONFIG3 for both rails.
When SWAP mode is enabled, the VFDE is disabled in the single-rail section and any
configuration command for this rail (by SMBus or pinstrapping) is ignored.
Figure 9. Output current vs. switching frequency in PSK mode
t
Iout = Ipp/2
t
Iout < Ipp/2
Tsw
Tsw
Tvfde
AM12883v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com