Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 57Page - STMicroelectronics L6718 Datasheet HTML 58Page - STMicroelectronics L6718 Datasheet HTML 59Page - STMicroelectronics L6718 Datasheet HTML 60Page - STMicroelectronics L6718 Datasheet HTML 61Page - STMicroelectronics L6718 Datasheet HTML 62Page - STMicroelectronics L6718 Datasheet HTML 63Page - STMicroelectronics L6718 Datasheet HTML 64Page - STMicroelectronics L6718 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
DocID023399 Rev 3
61/71
L6718
Main oscillator
voltage immediately after loading TDC current), change the divider at the TCOMP pin
in order to increase the TCOMP voltage.
7.
The same procedure can be implemented with a variable resistor in place of one of the
resistors of the divider. In this case, once the compensated configuration is found,
simply replace the variable resistor with a resistor of the same value.
11
Main oscillator
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current internal capacitor. The switching frequency for each
channel, FSW, FSSW, is internally fixed at 200 kHz: the resulting switching frequency at the
load side for the multi-phase section results in being multiplied by N (number of configured
phases).
The current delivered to the oscillator is typically 20
μA (corresponding to the free-running
frequency FSW= 200 kHz) and it may be varied using an external resistor (ROSC, RSOSC)
typically connected between the OSC, SOSC pins and GND. Since the OSC/SOSC pins are
fixed at 1.8 V, the frequency is varied proportionally to the current sunk from the pin
considering the internal gain of 10 kHz/
μA (see Figure 14).
Connecting ROSC to SGND, the frequency is increased (current is sunk from the pin),
according to the following relationships:
Equation 13
Figure 14. ROSC [KOhm] vs. switching frequency [kHz] per phase
F
SW
200kHz
1.800V
R
OSC
()
---------------------------
10
kHz
μA
-----------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com