Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 20Page - STMicroelectronics L6718 Datasheet HTML 21Page - STMicroelectronics L6718 Datasheet HTML 22Page - STMicroelectronics L6718 Datasheet HTML 23Page - STMicroelectronics L6718 Datasheet HTML 24Page - STMicroelectronics L6718 Datasheet HTML 25Page - STMicroelectronics L6718 Datasheet HTML 26Page - STMicroelectronics L6718 Datasheet HTML 27Page - STMicroelectronics L6718 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
VID tables
L6718
24/71
DocID023399 Rev 3
4
VID tables
Table 6. VID table, both sections, commanded through serial bus
HEX code
VOUT
[V]
HEX code
VOUT
[V]
HEX code
VOUT
[V]
HEX code
VOUT
[V]
0
0
0.000
4
0
0.565
8
0
0.885
C
0
1.205
0
1
0.250
4
1
0.570
8
1
0.890
C
1
1.210
0
2
0.255
4
2
0.575
8
2
0.895
C
2
1.215
0
3
0.260
4
3
0.580
8
3
0.900
C
3
1.220
0
4
0.265
4
4
0.585
8
4
0.905
C
4
1.225
0
5
0.270
4
5
0.590
8
5
0.910
C
5
1.230
0
6
0.275
4
6
0.595
8
6
0.915
C
6
1.235
0
7
0.280
4
7
0.600
8
7
0.920
C
7
1.240
0
8
0.285
4
8
0.605
8
8
0.925
C
8
1.245
0
9
0.290
4
9
0.610
8
9
0.930
C
9
1.250
0
A
0.295
4
A
0.615
8
A
0.935
C
A
1.255
0
B
0.300
4
B
0.620
8
B
0.940
C
B
1.260
0
C
0.305
4
C
0.625
8
C
0.945
C
C
1.265
0
D
0.310
4
D
0.630
8
D
0.950
C
D
1.270
0
E
0.315
4
E
0.635
8
E
0.955
C
E
1.275
0
F
0.320
4
F
0.640
8
F
0.960
C
F
1.280
1
0
0.325
5
0
0.645
9
0
0.965
D
0
1.285
1
1
0.330
5
1
0.650
9
1
0.970
D
1
1.290
1
2
0.335
5
2
0.655
9
2
0.975
D
2
1.295
1
3
0.340
5
3
0.660
9
3
0.980
D
3
1.300
1
4
0.345
5
4
0.665
9
4
0.985
D
4
1.305
1
5
0.350
5
5
0.670
9
5
0.990
D
5
1.310
1
6
0.355
5
6
0.675
9
6
0.995
D
6
1.315
1
7
0.360
5
7
0.680
9
7
1.000
D
7
1.320
1
8
0.365
5
8
0.685
9
8
1.005
D
8
1.325
1
9
0.370
5
9
0.700
9
9
1.010
D
9
1.330
1
A
0.375
5
A
0.705
9
A
1.015
D
A
1.335
1
B
0.380
5
B
0.710
9
B
1.020
D
B
1.340
1
C
0.385
5
C
0.715
9
C
1.025
D
C
1.345
1
D
0.390
5
D
0.720
9
D
1.030
D
D
1.350
1
E
0.395
5
E
0.725
9
E
1.035
D
E
1.355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com