Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 12Page - STMicroelectronics L6718 Datasheet HTML 13Page - STMicroelectronics L6718 Datasheet HTML 14Page - STMicroelectronics L6718 Datasheet HTML 15Page - STMicroelectronics L6718 Datasheet HTML 16Page - STMicroelectronics L6718 Datasheet HTML 17Page - STMicroelectronics L6718 Datasheet HTML 18Page - STMicroelectronics L6718 Datasheet HTML 19Page - STMicroelectronics L6718 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
Pin description and connection diagrams
L6718
16/71
DocID023399 Rev 3
32
SCSP
Single-phase rail current sense positive input.
Connect through an R-C filter to the phase-side of single-phase rail
inductor.
See Section 14 for proper layout of this connection.
33
SCSN
Single-phase rail current sense negative input.
Connect through an RG resistor to the output-side of single-phase rail
inductor.
Filter the output-side of RG with 100 nF (typ.) to GND.
See Section 14 for proper layout of this connection.
34
STM
Thermal monitor sensor.
Connect with proper network embedding NTC to the single-phase power
section. The IC senses the hot spot temperature and uses the information
to define the VRHOT signal and temperature zone register.
By programming proper STCOMP gain, the IC also implements load-line
thermal compensation for the single-phase section.
Short to GND if not used. See Section 10 for details.
35
CONFIG0
/PSI0
Connect a resistor divider to GND and VCC5 to define power
management characteristics. See Section 6.6 for details.
At the end of the soft-start, this pin is internally pulled up or pulled down to
indicate the power status. See Table 17 for details.
36
SBOOT
Single-phase rail high-side driver supply.
Connect through a capacitor (220 nF typ.) and a resistor (2.2 Ohm) to
SPHASE and provide a Schottky bootstrap diode. A small resistor in
series to the boot diode helps to reduce boot capacitor overcharge.
37
SHGATE
Single-phase rail high-side driver output.
It must be connected to the HS MOSFET gate. A small series resistor
helps to reduce the device-dissipated power and the negative phase
spike.
38
SPHASE
Single-phase rail high-side driver return path.
It must be connected to the HS MOSFET source and provides return path
for the HS driver.
39
SLGATE
Single-phase rail low-side driver output.
It must be connected to the low-side MOSFET gate. A small series
resistor helps to reduce device-dissipated power.
40
PWM4
/ PH#
Fourth phase PWM output of the multi-phase rail and phase number
selection pin.
Internally pulled up to 3.3 V, connect to external driver PWM4 when
channel 4 is used. The device is able to manage the HiZ by setting the pin
floating.
Short to GND or leave floating to 3/2 phase operation, seeTable 7 for
details.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com