Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 11Page - STMicroelectronics L6718 Datasheet HTML 12Page - STMicroelectronics L6718 Datasheet HTML 13Page - STMicroelectronics L6718 Datasheet HTML 14Page - STMicroelectronics L6718 Datasheet HTML 15Page - STMicroelectronics L6718 Datasheet HTML 16Page - STMicroelectronics L6718 Datasheet HTML 17Page - STMicroelectronics L6718 Datasheet HTML 18Page - STMicroelectronics L6718 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
DocID023399 Rev 3
15/71
L6718
Pin description and connection diagrams
25
TCOMP
Thermal monitor sensor gain.
Connect proper resistor divider between VCC5 and GND to define the
gain to apply to the signal sensed by TM to implement thermal
compensation for the multi-phase rail.
Short to GND to disable the single NTC thermal compensation for multi-
phase section. See Section 10 for details.
26
CONFIG1/
PSI1
Connect a resistor divider to GND and VCC5 to define power
management configuration. See Section 6.6 for details.
At the end of the soft-start, this pin is internally pulled up or pulled down to
indicate the power status. See Table 17 for details.
27
SDA /
CONFIG2
If SMBus power management is enabled through Config0 pinstrapping,
connect to data signal of SMBus communicator.
If SMBus power management is disabled through Config0 pinstrapping,
connect a resistor divider to GND and VCC5 to define power management
characteristics. See Section 6.6.5 for details.
28
SCL /
CONFIG3
If SMBus power management is enabled through Config0 pinstrapping,
connect to clock signal of SMBus communicator.
If SMBus power management is disabled through Config0 pinstrapping,
connect a resistor divider to GND and VCC5 to define power management
characteristics. See Section 6.6.5 for details.
29
VCC5
Main IC power supply.
Operative voltage is connected to 5 V filtered with 1 µF MLCC to GND.
30
OSC/FLT
Oscillator pin for multi-phase rail.
Allows the programming of the switching frequency FSW for multi-phase
section. The equivalent switching frequency at the load side results in
being multiplied by the number of phases active.
The pin is internally set to 1.8 V, frequency is programmed according to a
resistor connected to GND or VCC with a gain of 10 kHz/µA. Free running
is set to 200 kHz.
The pin is forced high (3.3 V) if a fault is detected on a multi-rail section.
To recover from this condition, it is necessary to cycle VCC or enable. See
Section 11 for details.
31
SOSC /
SFLT
Oscillator pin for single-phase.
Allows the programming of the switching frequency FSW for the single-
phase section.
The pin is internally set to 1.8 V, frequency is programmed according to
the resistor connected to GND or VCC with a gain of 10 kHz/µA. Free
running is set to 200 kHz.
The pin is forced high (3.3 V) if a fault is detected on a single-phase rail
section. To recover from this condition, it is necessary to cycle VCC or
enable. See Section 11 for details.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com