Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 53Page - STMicroelectronics L6718 Datasheet HTML 54Page - STMicroelectronics L6718 Datasheet HTML 55Page - STMicroelectronics L6718 Datasheet HTML 56Page - STMicroelectronics L6718 Datasheet HTML 57Page - STMicroelectronics L6718 Datasheet HTML 58Page - STMicroelectronics L6718 Datasheet HTML 59Page - STMicroelectronics L6718 Datasheet HTML 60Page - STMicroelectronics L6718 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
DocID023399 Rev 3
57/71
L6718
Output voltage monitoring and protection
A typical design considers the intervention of the total current OC before the per-phase OC,
leaving the latter as an extreme-protection in case of hardware failure in the external
components. Total current OC depends on the IMON design and on the application TDC and
max. current supported. A typical design flow is the following:
–
Define the maximum total output current (IOC_TOT) according to system
requirements (IMAX, ITDC). Considering IMON design, IMAX must correspond to 1.24
V (for correct IMAX detection) so IOC_TOT results defined, as a consequence:
Equation 10
–
Design per-phase OC and RG resistor in order to have IINFOx = IOC_TH (35 μA)
when IOUT is over the OCP in a worst-case condition considering the ripple current
and the extra current related to the DVID transient IDVID. Usually it is 10% higher
than the IOC_TOT current:
Equation 11
where N is the number of phases and DCR the DC resistance of the inductors. RG
should be designed in worst-case conditions.
–
Design the total current OC and RIMON in order to have the IMON pin voltage at
1.24 V at the IMAX current specified by the design. It results:
Equation 12
where IMAX is max. current requested by the processor.
–
Adjust the defined values according to the bench-test of the application.
–CIMON in parallel to RIMON can be added with proper time constant to prevent false
OC tripping.
Note:
This is a typical design flow. Custom design and specifications may require different settings
and ratios between the per-phase OC threshold and the total OC threshold. Applications
with big ripple across inductors may be required to set per-phase OC to values different
than 110%: design flow should be modified accordingly.
9.2.2
Overcurrent and power states
When the controller receives a set PS command through the SVI interface or automatic
DPM is set, the L6718 changes the number of working phases. In particular, the maximum
number of phases which the L6718 may work in >PS1 is limited to 2 phases regardless of
the number N configured in PS0. The OC level is then scaled as the controller enters >PS0,
as per Table 19.
I
OC_TOT
I
MAX
V
OC_TOT
⋅
1.24
⁄
=
R
G
1.1
I
OC_TOT
⋅
() DCR
⋅
NI
⋅
OCTH
--------------------------------------------------------------
=
R
IMON
1.24V
R
G
⋅
I
MAX
DCR
⋅
---------------------------------
=
I
MON
DCR
R
G
-------------
I
OUT
⋅
=
⎝⎠
⎛⎞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com