Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 8Page - STMicroelectronics L6718 Datasheet HTML 9Page - STMicroelectronics L6718 Datasheet HTML 10Page - STMicroelectronics L6718 Datasheet HTML 11Page - STMicroelectronics L6718 Datasheet HTML 12Page - STMicroelectronics L6718 Datasheet HTML 13Page - STMicroelectronics L6718 Datasheet HTML 14Page - STMicroelectronics L6718 Datasheet HTML 15Page - STMicroelectronics L6718 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Pin description and connection diagrams
L6718
12/71
DocID023399 Rev 3
2.1
Pin description
Table 2. Pin description
Pin#
Name
Function
1CS1N
Channel 1 current sense negative input.
Connect through an RG resistor to the output-side of channel 1 inductor.
Filter the output-side of RG with 100 nF (typ.) to GND.
This pin is compared with VSEN for the feedback disconnection.
See Section 14 for proper layout of this connection.
2CS1P
Channel 1 current sense positive input.
Connect through an R-C filter to the phase-side of channel 1 inductor.
See Section 14 for proper layout of this connection.
3CS3P
Channel 3 current sense positive input.
Connect through an R-C filter to the phase-side of channel 3 inductor.
Short to VOUT when not using channel 3.
See Section 14 for proper layout of this connection.
4CS3N
Channel 3 current sense negative input.
Connect through an RG resistor to the output-side of channel 3 inductor.
Filter the output-side of RG with 100 nF (typ.) to GND.
Connect to VOUT through an RG resistor when not using channel 3.
See Section 14 for proper layout of this connection.
5TM
Thermal monitor sensor.
Connect with proper network embedding NTC to the multi-phase rail
power section. The IC senses the power section temperature and uses
the information to define the VRHOT signal and temperature zone
register.
By programming proper TCOMP gain, the IC also implements load-line
thermal compensation for the multi-phase rail section. See Section 10 for
details.
6
VRHOT
Voltage regulator HOT.
Open drain output, set free by controller when the temperature sensed
through the TM pin exceeds TMAX (active low).
See Section 10.1 for details.
7
SVCLK
Serial clock
8SVDATA
Serial data
9ALERT#
Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com