Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
41
ZERO-CROSS DETECT
The Dynamic Peak Compressor has a zero-cross detect that minimises clicks during gain changes.
The zero-cross detect can be enabled/disabled in channel-pairs. The zero-cross has a timeout
feature which ensures that the volume will change even if the input has a large DC offset. Once a
new gain has been requested from the Dynamic Peak Compressor, the zero-cross detector will wait
for a zero-cross for 25 to 50 ms before applying the gain change.
Note that the zero-cross settings programmed here also apply to the Dynamic Peak Compressor.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ZCF
1
Zero-Cross Enable – Front Channels:
0 : Disable Zero-Cross
1:
Enable Zero-Cross
1
ZCS
1
Zero-Cross Enable – Surround
Channels:
0 : Disable Zero-Cross
1:
Enable Zero-Cross
2
ZCC
1
Zero-Cross Enable – Front Centre and
Rear Centre Channels:
0 : Disable Zero-Cross
1:
Enable Zero-Cross
3
ZCSUB
1
Zero-Cross Enable – Sub Channel:
0 : Disable Zero-Cross
1:
Enable Zero-Cross
R25 (19h)
Volume
Control Zero-
Cross
4
ZCT
1
Zero Cross Timeout Enable:
0 : Disable Zero-Cross Timeout
1:
Enable Zero-Cross Timeout
Table 40 Volume Control Zero-Cross
INTERPOLATION FILTERS
The WM8608 uses two types of interpolation filters, selected according to sampling frequency, as
shown in Table 40.
SAMPLING FREQUENCY
FILTER TYPE
INTERPOLATION
Main Channels
Main Channels
SUB
32kHz
0
12x
6x
44.1kHz
0
8x
4x
48kHz
0
8x
4x
88.2kHz
0
4x
2x
96kHz
0
4x
2x
176.4kHz
1
2x
1x
192kHz
1
2x
1x
Table 41 Interpolation Filter Types
Note: If the Subwoofer channel is redirected into the Rear Centre (RC) channel the main channel
characteristics apply.
FILTER TYPE 0
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter
Passband
±0.05 dB
0.454
fs
Stopband
-3dB
0.484
fs
Passband ripple
±0.05
dB
Stopband Attenuation
f > 0.546fs
-60
dB
Group Delay
23
samples
Table 42 Digital Filter 0 Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com