Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
19
In both DSP modes A and B, DINFRONT left is always sent first, followed immediately by data words
for the other channels. No BCLK edges are allowed between the data words.
MODE
INPUT FORMAT (ORDER)
SUPPORTED MODES
Stereo
FL, FR
5.1
FL, FR, SL, SR, FC, LFE
6.1
FL, FR, SL, SR, FC, LFE, RC
7.1
FL, FR, SL, SR, FC, LFE, RL, RR
Restrictions apply for audio sample
rates (fs) of 176.4 and 192kHz,
e.g. fs = MCLK/192; maximal input
word length = 24 bits, or
fs = 192kHz, MCLK = 27 MHz;
maximal input word length = 16 bits
(see also Table 14).
Table 10 DSP Mode Input Format
Key: FL = Front-Left, FR = Front-Right, FC = Front-Centre, SL = Surround-Left, SR = Surround-Right,
RL = Surround-Left, RR = Surround-Right, RC = Surround-Centre, LFE = Low Frequency Effects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com