Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
11
AUDIO INTERFACE TIMING – SLAVE MODE
BCLK
LRCLK
t
BCH
t
BCL
t
BCY
DINFRONT
DINSRND
DINC_LFE
DINREAR
t
LRSU
t
DS
t
LRH
t
DH
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD, DVDD, BVDD = 3.3V, AGND, DGND, BGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data,
unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
BCLK rise/fall times
5
ns
LRCLK set-up time to BCLK rising edge
tLRSU
10
ns
LRCLK hold time from BCLK rising edge
tLRH
10
ns
LRCLK rise/fall times
5
ns
DINFRONT, DINSRND, DINC_LFE and DINREAR hold
time from BCLK rising edge
tDH
10
ns
Table 5 Audio Interface Timing – Slave Mode
Note: BCLK period should always be greater than or equal to MCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com