Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
12
CONTROL INTERFACE TIMING – 3-WIRE MODE
CSB
SCLK
SDIN
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
Figure 4 Control Interface Timing – 3-Wire Serial Control Mode
Test Conditions
AVDD, DVDD, BVDD = 3.3V, AGND, DGND, BGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data,
unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CSB rising edge
tSCS
60
ns
SCLK pulse cycle time
tSCY
80
ns
SCLK pulse width low
tSCL
30
ns
SCLK pulse width high
tSCH
30
ns
SDIN to SCLK set-up time
tDSU
20
ns
SCLK to SDIN hold time
tDHO
20
ns
CSB pulse width low
tCSL
20
ns
CSB pulse width high
tCSH
20
ns
CSB rising to SCLK rising
tCSS
20
ns
Pulse width of spikes that will be suppressed
tps
2
8
ns
Table 6 Control Interface Timing – 3-Wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com