Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
33
DIGITAL DEEMPHASIS
The digital ‘de-emphasis’ is used to equalize pre-emphasised digital CD recordings. De-emphasis
filtering is available on the Front-Left and Front-Right channels only, for sample rates of 32kHz,
44.1kHz and 48kHz. The settings are applied to the two channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
De-emphasis
0
DEEMP
0
De-emphasis Control
0 = No De-emphasis
1 = De-emphasis enabled
Table 31 De-emphasis
Refer to Figure 31, Figure 32, Figure 33, Figure 34, Figure 35 and Figure 36 for details of the De-
Emphasis modes at different sample rates.
Note: Using the De-emphasis filters for other sample rates as defined above will result in a frequency
response error as shown in Figure 32, Figure 34 and Figure 36.
DIGITAL VOLUME CONTROL
The volume control allows the gain of each channel to be independently adjusted in 0.5dB steps from
-103.5dB to +24dB. When the Dynamic Peak Compressor (see below) is enabled, gains of greater
than 0dB can be applied without digital clipping occurring. The volume control has a digital zero-cross
circuit which minimises clicks during changing the volume.
An update control bit is provided which allows the volume setting on each channel to be first stored in
an intermediate latch, then afterwards applied simultaneously to all channels. If UPDATE=0, the
Volume value will be written to the pre-latch but not applied to the relevant channel. If UPDATE=1, all
pre-latched values will be applied from the next input sample. The value of UPDATE itself is not
latched.
To prevent audible clicks, the volume control includes a ramp function which automatically ramps the
volume in small steps between register updates. The ramp rate is 256dB/s ±5%.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
VOLFL[7:0]
10110001
(-15dB)
Front-Left Volume in 0.5dB steps.
Refer to Table 14
R4 (04h)
Front-Left
Volume
8
UPDATE
0
Volume Update
0 = Store FLVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
7:0
VOLFR [7:0]
10110001
(-15dB)
Front-Right Volume in 0.5dB steps.
Refer to Table 14
R5 (05h)
Front-Right
Volume
8
UPDATE
0
Volume Update
0 = Store FRVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
7:0
VOLSL [7:0]
10110001
(-15dB)
Surround-Left Volume in 0.5dB steps.
Refer to Table 14
R6 (06h)
Surround-Left
Volume
8
UPDATE
0
Volume Update
0 = Store SLVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com