Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
36
SOFT MUTE AND AUTO-MUTE
The WM8608 has a Soft Mute function set by the SMUTE control bit. Figure 21 shows the application
and release of SMUTE while a full amplitude sinusoid is being played at 48kHz sampling rate. When
SMUTE (lower trace) is asserted, the output (upper trace) begins to decay exponentially from the DC
level of the last input sample. The output will decay towards zero with a time constant of
approximately 64 input samples. When SMUTE is turned off, the output will restart almost
immediately from the current input sample, thus possibly causing a pop sound.
This function is disabled by default.
Figure 21 Application and Release of Soft Mute
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com