Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
47
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description.
There are 32 registers with 9 bits per register. These can be controlled using the Control Interface.
REGISTER
ADDRESS
REMARKS
BIT[8]
BIT[7]
BIT[6]
BIT[5]
BIT[4]
BIT[3]
BIT[2]
BIT[1]
BIT[0]
DEFAULT
PAGE REF
R0 (00h)
00_0000
Clocking
0
0
0
0
0
CLKDIV2 MEDGE
MPEG
CMAST
0_0000_0011
21
R1 (01h)
00_0001
Sample Rate
0
0
0
0
SRDET
SR
0_0001_0000
21
R2 (02h)
00_0010
Audio IF Format
BCLKINV
MS
LRSWAP SUBSWP
LRP
WL
FORMAT
0_0000_1010
20
R3 (03h)
00_0011
Input/Output Configuration
0
0
0
SUBCFG
OPCFG
RCCFG
IPCFG
0_0001_1001
27
R4 (04h)
00_0100
Front-Left Volume
UPDATE
VOLFL (Front Left) Volume
0_1011_0001
33
R5 (05h)
00_0101
Front-Right Volume
UPDATE
VOLFR (Front Right) Volume
0_1011_0001
33
R6 (06h)
00_0110
Surround-Left Volume
UPDATE
VOLSL (Surround Left) Volume
0_1011_0001
33
R7 (07h)
00_0111
Surround-Right Volume
UPDATE
VOLSR (Surround Right) Volume
0_1011_0001
34
R8 (08h)
00_1000
Front-Centre Volume
UPDATE
VOLFC (Front Centre) Volume
0_1011_0001
34
R9 (09h)
00_1001
Rear-Centre Volume
UPDATE
VOLRC (Rear Centre) Volume
0_1011_0001
34
R10 (0Ah)
00_1010
Subwoofer Volume
UPDATE
VOLS (Subwoofer) Volume
0_1011_0001
34
R11 (0Bh)
00_1011
Dual Volume Control
0
0
0
0
0
0
DVCC
DVCS
DVCF
0_0000_0000
35
R12 (0Ch)
00_1100
Mute
0
0
0
0
AMUTESB
AMUTEC AMUTES AMUTEF
SMUTE
0_0001_1110
37
R13 (0Dh)
00_1101
Bass (1)
0
0
0
0
0
0
LFEBOOST
LPHPCO
0_0000_0001
30
R14 (0Eh)
00_1110
Bass (2)
0
0
0
LPENC
LPENS
LPENF
HPENC
HPENS
HPENF
0_0011_1111
30
R15 (0Fh)
00_1111
EQ Band 1 Gain Control
0
EQ1GFC
EQ1GF
0_1111_1111
31
R16 (10h)
01_0000
EQ Band 2 Gain Control
0
EQ2GFC
EQ2GF
0_1111_1111
31
R17 (11h)
01_0001
EQ Band 3 Gain Control
0
EQ3GFC
EQ3GF
0_1111_1111
31
R18 (12h)
01_0010
EQ Frequency Control
0
0
0
EQ3CFC
EQ3CF
EQ2CFC
EQ2CF
EQ1CFC
EQ1CF
0_0011_1111
32
R19(13h)
01_0011
Speaker Equaliser
0
0
0
0
0
LSEQ
LSCO
0_0000_1000
32
R20 (14h)
01_0100
Deemphasis
0
0
0
0
0
0
0
0
DEEMPH 0_0000_0000
33
R21 (15h)
01_0101
Peak Compressor F, S, C (1)
0
0
0
0
0
0
PLENC
PLENS
PLENF
0_0000_0111
38
R22 (16h)
01_0110
Peak Compressor F, S, C, (2)
FDEP
THRESH
DCY
ATK
0_1101_1010
39
R23 (17h)
01_0111
Peak Compressor SUB (1)
0
0
0
0
0
0
0
0
PLENSUB
0_0000_0001
39
R24 (18h)
01_1000
Peak Compressor SUB (2)
FDEP
THRESH
DCY
ATK
0_1101_1010
40
R25 (19h)
01_1001
Zero Cross
0
0
0
0
ZCT
ZCSUB
ZCC
ZCS
ZCF
0_0001_1111
41
R26 (1Ah)
01_1010
Output phase
0
0
PH
0_0000_0000
43
R27 (1Bh)
01_1011
PWM Output Config
0
PWMCLK
0
0
0
PWMPH
PWMCFG
LVDS
0_0000_1000
44
R28 (1Ch)
01_1100
Output Config
0
0
0
0
0
0
0
0
TRI
0_0000_0000
44
R29 (1Dh)
01_1101
Power Down
0
0
0
0
0
0
MENA
OPDISR
STDBY
0_0000_0101
45
R30 (1Eh)
01_1110
Reset
0
0
0
0
0
0
0
0
RLENA
0_0000_0000
46
R31 (1Fh)
01_1111
PSU
0
0
0
0
DCYPSU
CLKPSU
ENPSU
0_0000_0000
46
R32 (20h)
10_0000
Synchroniser (1)
0
0
0
HOLD
GMAX
GMIN
SYNCEN 0_0001_0101
24
R33 (21h)
10_0001
Synchroniser (2)
0
0
0
0
0
0
SYNTO
0_0000_0100
24
Table 53 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com