Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
34
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
VOLSR [7:0]
10110001
(-15dB)
Surround-Right Volume in 0.5dB
steps. Refer to Table 14
R7 (07h)
Surround-
Right Volume
8
UPDATE
0
Volume Update
0 = Store SRVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
7:0
VOLFC [7:0]
10110001
(-15dB)
Front-Centre Volume in 0.5dB steps.
Refer to Table 14
R8 (08h)
Front-Centre
Volume
8
UPDATE
0
UPDATE
0 = Store FCVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
7:0
VOLRC [7:0]
10110001
(-15dB)
Rear-Centre Volume in 0.5dB steps.
Refer to Table 14
R9 (09h)
Rear-Centre
Volume
8
UPDATE
0
UPDATE
0 = Store RCVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
7:0
VOLS [7:0]
10110001
(-15dB)
Sub Volume in 0.5dB steps. Refer to
Table 14
R10 (0Ah)
Subwoofer
Volume
8
UPDATE
0
UPDATE
0 = Store SVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
Table 32 Volume Control
VOLXX[7:0]
VOLUME LEVEL
00(hex)
-∞dB (mute)
01(hex)
-103dB
:
:
:
:
CF(hex)
0dB
:
:
:
:
FE(hex)
+23.5dB
FF(hex)
+24dB
Table 33 Volume Control Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com