Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
48
DIGITAL FILTER CHARACTERISTICS
FILTER RESPONSES
-80
-70
-60
-50
-40
-30
-20
-10
0
10
00.5
11.5
22.5
3
Frequency (Fs)
Figure 25 Digital Filter Frequency Response – 32kHz
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0
0.1
0.20.3
0.40.5
Frequency (Fs)
Figure 26 Digital Filter Ripple –32kHz
-80
-70
-60
-50
-40
-30
-20
-10
0
10
00.5
11.5
22.5
3
Frequency (Fs)
Figure 27
Digital Filter Frequency Response – 44.1, 48
and 96kHz
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0
0.1
0.20.3
0.40.5
Frequency (Fs)
Figure 28 Digital Filter Ripple –44.1, 48 and 96kHz
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
0.2
0.4
0.6
0.8
1
Frequency (Fs)
Figure 29 Digital Filter Frequency Response – 176.4kHz
and 192kHz
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0
0.1
0.20.3
0.40.5
Frequency (Fs)
Figure 30 Digital filter Ripple – 176.4kHz and 192kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com