Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
46
RESET
The WM8608 device can be reset writing to the Reset register as defined in Table 51.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
RLENA
0
Writing 1 to bit 0 of the register will
reset OPDIS
R30 (1Eh)
Reset
all
RESET
0
Writing all 1’s to the register will
reset the device and register
settings
Table 51 Reset
Note: RESET or RLENA will be applied at the end of the register write and released at the beginning
of the next register write. I.e. to reset the OPDIS register write 1 to bit 0 of the Reset register and
them write 0 to bit 0.
EXTERNAL POWER SUPPLY CLOCK
The WM8608 device can generate a clock signal for an external PSU (Power Supply Unit) which is
available at the CLKPSU pin.
CLKPSU
t
PCLKPSU
t
HCLKPSU
Figure 24 External Power Supply Clock
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ENPSU
0
CLKPSU enable
1: enabled
2:1
CLKPSU[1:0]
00
CLKPSU frequency
00: CLKPSU = fPRF
01: CLKPSU = fPRF/2
10: CLKPSU = fPRF/4
11: CLKPSU = fPRF/6
R31 (1Fh)
PSU
4:3
DCYPSU[1:0]
00
CLKPSU duty cycle
00: thclkpsu/tpclkpsu = 0.5 (50%)
01: thclkpsu/tpclkpsu = 0.125 (12.5%)
10: thclkpsu/tpclkpsu = 0.0625 (6.25%)
11: thclkpsu/tpclkpsu = 0.03125 (3.125%)
Table 52 PSU Clock
Note: See Table 45 for specification of fPRF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com