Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 54Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
52
Figure 38 WM8608 Power Supply Connections
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 39 WM8608 External Component Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT REFERENCE
SUGGESTED VALUE
DESCRIPTION
Y1
24.576 / 27.000MHz
Crystal (15pF load, 500µW)
C1, C2
22pF
Capacitor NP0 0603
C3
4.7µF
Capacitor Y5V 0805
C4-C10
0.1µF
Capacitor X7R 0603
Table 54 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com