Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
40
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
ATK[2:0]
010
Sub Channel Attack Rate
000 = 170µs
001 = 330µs
010 = 670µs
011 = 1.33ms
100 = 2.67ms
101 = 5.33ms
110 = 10.7ms
111 = 20.1ms
5:3
DCY[2:0]
011
Sub Channel Decay Rate
000 = 340ms
001 = 680ms
010 = 1.36s
011 = 2.73s
100 = 5,46s
101, 110, 111 = 10.9s
7:6
THRESH[1:0]
11
Sub Channel Compressor Thresholds
00 = -12dB
01 = -9dB
10 = -6dB
11 = -3dB
R24 (18h)
Sub Channel
Dynamic
Peak
Compressor
8
FDEP
0
Frequency-dependent decay
0 = disable
1 = enable
Table 39 Subwoofer Channel Dynamic Peak Compressor (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com