Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
44
PWM OUTPUT CONFIGURATION
Two different PWM output formats are supported. These are:
•
CMOS or LVDS
•
Tri-state outputs to support power-down.
The PWM output format can be defined with the LVDS and PWMCFG setting defined in Table 47.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
LVDS
0
Output PAD configuration
0 = CMOS
1 = LVDS
2:1
PWMCFG
[1:0]
00
PWM Output State for LVDS=0 when
output disabled or in standby mode:
01 = all PWM Outputs high
00 = all PWM Outputs low
10, 11 = high impedance
For LVDS=1 when output disabled or in
standby mode, the output state is high
impedance.
3
PWMPH
1
PWM Output Phase
0 = PWM outputs in phase
1 = PWM outputs phase shifted to each
other
R27 (1Bh)
PWM Output
Configuration
7
PWMCLK
0
PWM Output Clock
0 = disabled
1 = enabled
Table 47 PWM Output Configuration
OUTPUT CONFIGURATION
If required the WM8608 device can be disabled in a system by setting the TRI bit as defined in Table
48. Setting the TRI bit will set all output pins of the device to high impedance.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R28 (1Ch)
Output
Configuration
0
TRI
0
Output Pins Mode
0 = Normal
1 = High Impedance
Table 48 Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com