Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
37
An auto-mute function is provided that automatically mutes the output stage when a digital silence
period is detected. Digital silence is defined as a consecutive period of 1024 zero input samples at
the output of the volume control. Auto-mute will be removed as soon as the volume control output
becomes non-zero. (Please note that on the sub channel the noise level is greatly reduced, rather
than complete digital silence.)
To achieve digital silence, you can do one of the following:
•
Turn on auto-mute and set the volume control to zero.
•
Turn on auto-mute and input zero data on the serial data input pins with the bass
management filters disabled. (Page 29)
•
Turn on auto-mute and soft mute.
The auto-mute operates independently across all channel pairs, and can be enabled or disabled on
individual channel pairs.
The mute features maximize the SNR of the PWM amplifier system. Soft-mute will only maximize the
SNR of channel pairs that have auto-mute enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
SMUTE
0
Digital Soft Mute
0 = disable (signal active)
1= enable
1
AMUTEF
1
Front Auto-mute
0 = disable
1 = enable
2
AMUTES
1
Surround Auto-mute
0 = disable
1 = enable
3
AMUTEC
1
Front Centre and Rear Centre Auto-
mute
0 = disable
1 = enable
R12 (0Ch)
Mute
4
AMUTESB
1
Subwoofer Auto-mute
0 = disable
1 = enable
Table 35 Mute
DYNAMIC PEAK COMPRESSOR
The WM8608 includes a Dynamic Peak Compressor for each channel, which prevents the
occurrence of digital clipping when gains in excess of 0dB are applied. The compressor automatically
adjusts the signal amplitude to allow headroom for the LFE boost, sub-woofer mixing, tone controls,
loudspeaker equalisation and digital volume control. The compressor has a programmable limit
threshold, programmable attack and decay time-constants, a frequency-dependent decay mode, and
built-in zero-cross detect. The compressor can be configured either to operate independently on all
channels (DUAL MONO), or on linked channel-pairs (STEREO), e.g. Table 36. The following
channels are paired together: Front-Left and Front-Right, Surround-Left and Surround-Right, Front-
Centre and Rear-Centre.
COMPRESSOR THRESHOLD
The compressor has a digital peak detector which tracks the maximum input signal level at the
output of the volume control. With reference to Figure 22, if this signal is below the threshold set by
control bit THRESH, the compressor operates transparently with no change to the signal level.
However, if peak signal rises above the threshold, the gain through the compressor is modified so
that the upper part of the curve is followed. This ensures that the output signal does not exceed 0dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com