Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
16
Parameter
Group Delay
Unit
fs=48kHz
Unit
FL/FR/FC/SL/SR/RC channel
47
samples
1.0
ms
SUB channel
22
samples
0.5
ms
Table 9 Signal Path Group Delay
Key: FL = Front-Left, FR = Front-Right, FC = Front-Centre, SL = Surround-Left, SR = Surround-Right,
RL = Surround-Left, RR = Surround-Right, RC = Surround-Centre, SUB = Subwoofer
Note: The shorter delay on the SUB channel will not significantly affect audio performance. (It is
equivalent to moving the subwoofer forwards by about 15cm.)
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting audio data into the WM8608. It uses five pins:
•
DINFRONT: Front L+R channel data input
•
DINSRND: Surround L+R channel data input
•
DINC_LFE: Front Centre (L) and LFE (R) channel data input
•
DINREAR: Rear L+R channel data input
•
LRCLK: Data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK and LRCLK can be outputs when the WM8608 operates as a master, or
inputs when it is a slave (see Master and Salve Mode Operation, below).
MASTER AND SLAVE MODE OPERATION
The WM8608 can be configured as either a master or slave mode device. As a master device the
WM8608 generates BCLK and LRCLK and thus controls sequencing of the data transfer on the data
channels. In slave mode, the WM8608 receives data and clock signals over the digital audio
interface. The mode can be selected by writing to the MS bit (see Table 23). Master and slave modes
are illustrated below.
BCLK
LRCLK
DINFRONT
WM8608
PWM
Contoller
DSP
DECODER
DINSRND
DINREAR
DINC_LFE
BCLK
LRCLK
DINFRONT
WM8608
PWM
Contoller
DSP
DECODER
DINSRND
DINREAR
DINC_LFE
Master Mode
Slave Mode
Figure 8 Operation Mode
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK Audio
data is applied to the internal filters via the Digital Audio Interface. 5 popular interface formats are
supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP mode A
•
DSP mode B
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits. Except that 32
bit data is not supported in right justified mode. DINFRONT, DINSRND, DINC_LFE, DINREAR and
LRCLK are sampled on the rising, or falling edge of BCLK.
In left justified, right justified and I
2S modes the digital audio interface receives data on the
DINFRONT, DINSRND, DINC_LFE and DINREAR inputs. Audio Data for each stereo channel is time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com