Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
14
PWM OUTPUT TIMING
OPXXX
t
PWMH
t
PWML
t
PWMCY
Figure 6 PWM Output Timing
Test Conditions
AVDD, DVDD, BVDD = 2.7 to 3.3V, AGND, DGND, BGND = 0V, TA = -20 to +85
oC, Slave Mode, fs = 48kHz, MCLK = 256fs,
24-bit data, unless otherwise stated.
PARAMETER
SYMBOL/NOTE
MIN
TYP
MAX
UNIT
Program Register Input Information
PWM Frequency
tPWMCY
384
kHz
PWM Low Pulse-Width
tPWML
122
ns
PWM High Pulse-Width
tPWMH
122
ns
LVDS Mode
PWM Rise Time
1
20pF load
1.5
1.8
2.0
ns
PWM Fall Time
1
20pF load
1.7
2.0
2.2
ns
CMOS Mode
PWM Rise Time
1
20pF load
1.5
2.3
ns
PWM Fall Time
1
20pF load
1.5
2.3
ns
Table 8 PWM Interface Timing
Note:
1.
Parameter guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com