Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
30
The high-pass filters pairs can be bypassed to allow full-range speakers to be used on any of the 3
main output channel pairs. The low-pass outputs from the Front channels can also be disabled to
provide Stereo In – Stereo Out capability when full range front speakers are used.
The Bass Management also provides a selectable LFE boost of 10dB via the LFEBOOST control bit.
This is to compensate for the standard practise of recording the LFE channel 10dB down in the mix.
Additional gain-adjust is provided after this block (refer to page 33).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13 (0Dh)
Bass
Management
Filter
1:0
LPHPCO[1:0]
01
Low-/High-Pass Cutoff Frequency (-3dB)
00 = 75Hz
01 = 100Hz
10 = 133Hz
11 = 178Hz
2
LFEBOOST
0
LFE Boost Enable
0 = Boost Disabled
1 = 10dB Boost Enabled
Table 24 Bass Management Filter
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14 (0Eh)
Bass
Management
0
HPENF
1
Front High-Pass Filter
0 = High-Pass Filter bypassed
1 = High-Pass Filter enabled
Filter Bypass
1
HPENS
1
Surround High-Pass Filter
0 = High-Pass Filter bypassed
1 = High-Pass Filter enabled
2
HPENC
1
Front Centre and Rear Centre High-Pass
Filter
0 = High-Pass Filter bypassed
1 = High-Pass Filter enabled
3
LPENF
1
Front Low-Pass Filter Enable
0 = Low-Pass Filter output disabled
1 = Low-Pass Filter output enabled
4
LPENS
1
Surround Low-Pass Filter Enable
0 = Low-Pass Filter output disabled
1 = Low-Pass Filter output enabled
5
LPENC
1
Front Centre and Rear Centre Low-Pass
Filter Enable
0 = Low-Pass Filter output disabled
1 = Low-Pass Filter output enabled
Table 25 Bass Management Filter Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com