Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
43
The PRF Frequency (TPWMP) of the Sub-woofer channel is half of the frequency defined in Table 45
in order to reduce power dissipation in the output stage.
PRF
(1/TPWMP)
Main Channel
SUB
OUTPUT BITCLOCK
FREQUENCY
(1/TOBCLK)
MINIMUM PULSE
WIDTH (TPWMM)
SAMPLING
FREQUENCY
[kHz]
[kHz]
[MHz]
[ns]
32kHz
384
192
98.304
122
44.1kHz
352.8
176.4
90.3168
133
48kHz
384
192
98.304
122
88.2kHz
352.8
176.4
90.3168
133
96kHz
384
192
98.304
122
176.4kHz
352.8
176.4
90.3168
133
192kHz
384
192
98.304
122
Table 45 Output Bitclock Frequency
Notes:
1.
The correct Output Bitclock Frequency (TOBCLK) is generated by the built-in PLL of the WM8608
device. The incoming clock must meet the jitter specification defined in Table 3.
OUTPUT PHASE
The Phase control word determines whether the output of each channel is non-inverted or inverted.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Bit
Channel
Phase
0
FL
1 = invert
1
FR
1 = invert
2
SL
1 = invert
3
SR
1 = invert
4
FC
1 = invert
5
RC
1 = invert
R26 (1Ah)
Output Phase
6:0
PH[6:0]
0000000
6
SUB
1 = invert
Table 46 Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com