Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
45
STANDBY, OUTPUT DISABLE AND RESET MODES
STANDBY
Setting the STDBY register bit selects a low power mode, and immediately configures the output to
produce an output defined in Table 47 (PWMCFG). All trace of the previous input samples is
removed, but all control register settings are preserved.
OUTPUT DISABLE (OPDIS) PIN AND REGISTER (OPDISR)
The OPDIS pin is provided to immediately shutdown the outputs, primarily for their protection. This is
useful for short-circuit or thermal protection. The OPDIS pin can be configured in 2 modes:
•
Synchronous
•
Latched
In synchronous mode if OPDIS is high for longer than 100ns the outputs will be disabled. They will be
enabled again at the end of a processing frame when OPDIS goes low for longer than 100ns.
In latched mode if OPDIS is high for longer than 100ns, the outputs will be disabled and will remain
off until OPDIS is reset via the control interface and the end of a processing frame is reached (Table
50).
The output disable register (OPDISR) also allows the PWM outputs to be disabled via a register
write. If OPDISR is set the PWM outputs will be disabled at the end of the next processing frame and
enabled if OPDISR is reset at the end of the next processing frame.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
STDBY
1
Standby select:
0 : Normal Mode
1: Standby Mode
1
OPDISR
0
Output disable register
0: Normal mode
1: PWM output disabled
R29 (1Dh)
Power Down
2
MENA
1
OPDIS Mode
0 : Synchronous
1: Latched, reset via Control I/F
Table 49 Power Down
EXTERNAL APPLICATION POWER-DOWN (EAPDB) PIN
The state of the output pin EAPDB shows whether the device is disabled (i.e. OPDIS input pin active
or STDBY register set).
EAPDB
STATE
DESCRIPTION
1
The device is operating
correctly
External
Application
Power Down
0
(default)
The outputs are disabled or
the WM8608 device is in
Standby (default) mode
Table 50 EAPDB Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com