Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8608 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
4
PIN CONFIGURATION
TOP
VIEW
MODE
13
SCLK
14
SDIN
15
CSB
16
PWMCLKN
17
BVDD
18
OPFRN
19
OPFRP
20
BGND
21
22
23
BVDD
24
25
26
27
28
29
30
31
32
33
34
35
36
OPRCN
OPRCP
OPSWN
OPSWP
37
38
39
40
41
42
43
44
45
46
47
1
BGND
OPFLN
OPFLP
BVDD
EAPDB
TEST
PWMCLKP
TEST
AVDD
AGND
23
10
9
8
7
6
5
412
11
ORDERING INFORMATION
DEVICE
TEMP RANGE
PACKAGE
MOISTURE LEVEL
SENSITIVITY
PEAK SOLDERING
TEMP
WM8608EFT/V
-25 to + 85
°C
TQFP 48 7x7mm
MSL2
240°C
WM8608EFT/RV
-25 to + 85
°C
TQFP 48 7x7mm
(tape and reel)
MSL2
240°C
WM8608SEFT/V
-25 to + 85
°C
TQFP 48 7x7mm
(lead free)
MSL2
260°C
WM8608SEFT/RV
-25 to + 85
°C
TQFP 48 7x7mm
(lead free, tape and reel)
MSL2
260°C
Note:
Reel quantity = 2,200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com