Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
27
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
IPCFG[1:0]
01
Input Configuration
00 = Stereo
01 = 5.1
10 = 6.1
11 = 7.1
2
RCCFG
0
Rear-Centre Input Channel Configuration
0 = Rear-Centre input in Left channel
1 = Rear-Centre input in Right Channel
(Only applicable when operating in 6.1
input mode.)
4:3
OPCFG[1:0]
11
Output Configuration
00 = Stereo
01 = 2.1
10 = 5.1
11 = 6.1
R3 (03h)
Input/Output
Configuration
5
SUBCFG
0
Subwoofer Channel Configuration
0 = Subwoofer Output on SUB
1 = Subwoofer Output on RC
(Only applicable when operating in 2.1 or
5.1 output mode.)
Table 23 Input and Output Configuration Register
A typical speaker configuration is illustrated in Figure 19.
FL
FC
FR
SL
SR
SUB
RC
Figure 19 Loudspeaker Configuration for 6.1 Output
The WM8608 also supports Stereo input – Stereo output via the Bass Management filtering
options, as discussed in Bass Management (page 29). In this case, the output configuration is
set to 2.1.
Where there are a different number of input and output channels, the data is processed as follows.
Refer to the section on Bass Management (page 29) for details on how the sub-channel is created.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com