Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
24
SYNCHRONISER
The WM8608 contains a synchroniser circuit to support the synchronisation of an external LRCLK to
the local LRCLK. This mode is only supported in MPEG mode.
The specification of the synchroniser circuit is:
Test Conditions
AVDD, DVDD, BVDD = 3.3V, AGND, DGND, BGND = 0V, TA = +25
oC, f
XIN = 27MHz, Slave Mode, fs = 48kHz, 24-bit data,
unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Lock time
tlock
<1
2
s
LRCLK frequency offset
foffLRCLK
±1000
±10’000
ppm fs
0.2
ppm/s
LRCLK drift in Lock
driftLRCLK
6
Hz
Table 15 Synchroniser Specification
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
SYNCEN
1
Synchroniser Enable
0: Disable
1: Enable (in MPEG mode only)
2:1
GMIN[1:0]
10
Minimum Synchroniser Gain
00: minimum gain = 2
0
01: minimum gain = 2
1
10: minimum gain = 2
2
11: minimum gain = 2
3
4:3
GMAX[1:0]
10
Maximum Synchroniser Gain
00: maximum gain = 2
8
01: maximum gain = 2
10
10: maximum gain = 2
12
11: maximum gain = 2
14
R32 (20h)
Synchroniser
(1)
5
HOLD
0
Hold Synchroniser (and SR detect)
1 : Synchroniser in hold mode
Table 16 Synchroniser (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R33 (21h)
Synchroniser
(2)
2:0
SYNTO[2:0]
100
Synchroniser Gain time-out
000: 0.2 ms
001: 0.5 ms
010: 1 ms
011: 2 ms
100: 5 ms (default)
101: 10 ms
110: 20 ms
111: 50 ms
Table 17 Synchroniser (2)
The next table illustrates recommendation for the Synchroniser loop gain G (see also Table 16) and
time-out time (Table 17) with respect to the LRCLK frequency and the resulting Synchroniser lock
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com