Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
8
Test Conditions
AVDD, BVDD, DVDD = 2.7 to 3.3V, AGND, DGND, BGND = 0V, TA = -20 to +85
oC, fs = 44.1kHz/48kHz, MCLK = 256fs unless
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM buffer drive strength
Isource
CMOS
25
4
mA
Isink
20pF load
25
4
mA
fs = 44.1kHz
352.8
kHz
PWM pulse repetition rate
fPWM
fs = 48kHz
384
kHz
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz AES17 low pass filter, except where noted an A-weight filter is used.
Failure to use such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in
the Electrical Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect
dynamic specification values.
3.
Parameter guaranteed by design.
4.
Validated using the following filter
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter
Stopband
-3dB
1.00
kHz
Note: A third order differential RC filter has been used
TERMINOLOGY
1.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output
with no signal applied.
2.
Dynamic range (dB) - DNR is a measure of the difference between the highest and lowest portions of a signal.
Normally a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB
to it (e.g. THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) - THD+N is a ratio, of the RMS values, of (Noise + Distortion)/Signal.
POWER CONSUMPTION
TYPICAL SUPPLY CURRENTS
[mA]
TOTAL CURRENT
[mA]
TOTAL POWER
[mW]
IBVDD
MODE DESCRIPTION
IAVDD
IDVDD
CMOS
LVDS
CMOS
LVDS
CMOS
LVDS
AVDD, DVDD, BVDD = 3.3V
OFF
0
0
0
0
0
0
0
0
Standby
0.02
0.28
0
0
0.30
0.30
0.99
0.99
Mute
1.76
27.2
7.55
29.0
36.5
58.0
121
191
Stereo
1.76
27.7
7.55
29.0
37.0
58.5
122
193
5.1
1.76
28.1
7.55
29.0
37.5
58.9
124
194
6.1
1.76
29.6
7.55
29.0
38.9
60.3
128
199
7.1
1.72
29.9
7.55
29.0
39.2
60.6
129
200
Table 1 Supply Current Consumption
Notes:
1.
TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 27 kHz, 24-bit data
2.
All figures are kHz 1kHz input sine wave @ 0dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com