Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8608 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
38
ATTACK AND DECAY TIMES
The attack time-constant ATK controls how fast the gain is reduced when the signal goes above the
threshold. It is defined as the time taken for the gain to reduce by 6dB. Normally a short attack time-
constant is used to prevent the signal clipping when a high-amplitude transient occurs.
The decay time-constant DCY controls how fast the gain is increased when the signal begins to fall
again. It is defined as the time taken for the gain to increase by 6dB. Normally, the decay time-
constant is much longer than the attack time-constant, to prevent the input signal from entering
repeated limiting cycles.
The frequency-dependent decay feature automatically detects the input frequency and sets the
decay time to decay slower for low frequency signals. This reduces low-frequency signal distortion by
preserving the waveform of each input cycle, whilst allowing the compressor to respond quickly to
high frequency transients. This feature is enabled via the FDEP control bit.
ZERO-CROSS
The Dynamic Peak Compressor has a zero cross detector to prevent gain changes introducing clicks
in the signal. The ZC is controlled by the same register R25 used in the volume control.
0dB
Output Level
(dB)
Peak Input Level [dB]
THRESH
[dB]
0
-6
-12
+6
+12
-18
-24
-30
-36
-12
-18
-24
-30
-36
0dB
-6dB
-12dB
+6dB
+12dB
typical
Volume Control
Setting
Figure 22 Dynamic Peak Compressor Characteristics
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
PLENF
1
Front Channel Compressor Enable
0 = disable
1 = enable
1
PLENS
1
Surround Channel Compressor
Enable
0 = disable
1 = enable
R21 (15h)
Front,
Surround,
Front Centre
and Rear
Centre
Channel
Dynamic
Peak
Compressor
2
PLENC
1
Front Centre and Rear Centre
Channel Compressor Enable
0 = disable
1 = enable
Table 36 Front, Surround, Front Centre and Rear Centre Channel Dynamic Peak
Compressor (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com