Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-SC596 Datasheet HTML 1Page - Analog Devices ADSP-SC596 Datasheet HTML 2Page - Analog Devices ADSP-SC596 Datasheet HTML 3Page - Analog Devices ADSP-SC596 Datasheet HTML 4Page - Analog Devices ADSP-SC596 Datasheet HTML 5Page - Analog Devices ADSP-SC596 Datasheet HTML 6Page - Analog Devices ADSP-SC596 Datasheet HTML 7Page - Analog Devices ADSP-SC596 Datasheet HTML 8Page - Analog Devices ADSP-SC596 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 3 of 134
|
May 2022
GENERAL DESCRIPTION
The ADSP-SC595/SC596/SC598 processors are members of the
SHARC
® family of products. The processors are based on the
SHARC+® dual-core and the Arm® Cortex®-A55 core. The
ADSP-SC595/SC596/SC598 SHARC processors are members of
the single-instruction, multiple data (SIMD) SHARC family of
digital signal processors (DSPs) that feature Analog Devices
Super Harvard Architecture. These 32-bit/40-bit/64-bit float-
ing-point processors are optimized for high performance
audio/floating-point applications with large on-chip static ran-
dom-access memory (SRAM), multiple internal buses that
eliminate input/output (I/O) bottlenecks, and innovative digital
audio interfaces (DAI). New additions to the SHARC+ core
include cache enhancements and branch prediction, while
maintaining instruction set compatibility to previous SHARC
products.
By integrating a set of industry leading system peripherals and
memory, the Arm Cortex-A55 and SHARC processor is the
platform of choice for applications that require programmabil-
ity similar to reduced instruction set computing (RISC),
multimedia support, and leading edge signal processing in one
integrated package. These applications span a wide array of
markets, including automotive, professional audio, and indus-
trial-based applications that require high floating-point
performance.
Table 1 provides comparison information for features that vary
across the standard processors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com