Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 5Page - Analog Devices ADSP-SC596 Datasheet HTML 6Page - Analog Devices ADSP-SC596 Datasheet HTML 7Page - Analog Devices ADSP-SC596 Datasheet HTML 8Page - Analog Devices ADSP-SC596 Datasheet HTML 9Page - Analog Devices ADSP-SC596 Datasheet HTML 10Page - Analog Devices ADSP-SC596 Datasheet HTML 11Page - Analog Devices ADSP-SC596 Datasheet HTML 12Page - Analog Devices ADSP-SC596 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 9 of 134
|
May 2022
Addressing Spaces
In addition to traditionally supported long word, normal word,
extended precision word, and short word addressing aliases, the
processors support byte addressing for the data and instruction
accesses. The enhanced ISA/VISA provides new instructions for
accessing all sizes of data from byte space, as well as converting
word addresses to byte addresses and byte addresses to word
addresses.
SHARC Fabric
The FIR/IIR accelerators on the ADSP-SC595/SC596/SC598
processors are integrated closely with the SHARC+ core with
the help of a dedicated SHARC fabric and run at CCLK speed.
This allows the FIR/IIR accelerator requester ports to directly
access the SHARC L1 memory with reduced latency, as these
accesses do not go through the main system fabric. These
accesses are arbitrated between both the SHARC+ core com-
pleter ports. The SHARC+ core can also access the FIR/IIR
accelerator MMR registers directly.
Additional Features
The enhanced ISA/VISA of the ADSP-SC595/SC596/SC598
processors provides a memory barrier instruction for data syn-
chronization, exclusive data access support for multicore data
sharing, and exclusive data access to enable multiprocessor pro-
gramming. To enhance the reliability of the application, L1 data
RAMs support parity error detection for every byte, and illegal
opcodes are also detected (core interrupts flag both errors).
Requester ports of the core also detect failed external accesses.
SYSTEM INFRASTRUCTURE
The following sections describe the system infrastructure of the
ADSP-SC595/SC596/SC598 processors.
System L2 Memory
A system L2 SRAM memory of up to 16 Mb (2 MB) is available
to both SHARC+ cores, the Arm Cortex-A55 core, and the sys-
tem DMA channels (see Table 3). The L2 SRAM block is
subdivided into up to eight banks to support concurrent access
to the L2 memory ports. Memory accesses to the L2 memory
space are multicycle accesses by both the Arm Cortex-A55 and
SHARC+ cores.
The memory space is used for various situations including
• Arm Cortex-A55 to SHARC+ core data sharing and
intercore communications
• Accelerator and peripheral sources and destination mem-
ory to avoid accessing data in the external memory
• A location for DMA descriptors
• Storage for additional data for either the Arm Cortex-A55
or SHARC+ cores to avoid external memory latencies and
reduce external memory bandwidth
• Storage for incoming Ethernet traffic to improve
performance
• Storage for data coefficient tables cached by the
SHARC+ core
See the System Memory Protection Unit (SMPU) section for
options in limiting access by specific cores and DMA requesters.
The Arm Cortex-A55 core has an L1 instruction and data cache,
each of which is 32 kB in size. The core also has an L2 cache
controller of 256 kB. When enabling the caches, accesses to all
other memory spaces (internal and external) go through the
cache.
SHARC+ Core L1 Memory in Multiprocessor Space
The Arm Cortex-A55 core can access the L1 memory of the
SHARC+ core. See Table 4 for the L1 memory address in multi-
processor space. The SHARC+ core can access the L1 memory
of the other SHARC+ core in the multiprocessor space.
One Time Programmable Memory (OTP)
The processors feature 7 kb of one time programmable (OTP)
memory that is memory-map accessible. This memory can be
programmed with custom keys and supports secure boot and
secure operation.
I/O Memory Space
Mapped I/Os include SPI2/OSPI0 memory address space (see
Table 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com