| Electronic Components Datasheet Search |
|
ADSP-SC596 Datasheet(PDF) 96 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 Datasheet(HTML) 96 Page - Analog Devices |
|
96 / 134 page ![]() Rev. PrD | Page 96 of 134 | May 2022 ADSP-SC595/SC596/SC598 Preliminary Technical Data General-Purpose IO Port Timing Table 58 and Figure 29 describe I/O timing, related to the general-purpose ports (PORT). General-Purpose I/O Timer Cycle Timing Table 59, Table 60, and Figure 30 describe timer expired operations related to the general-purpose timer (TIMER0). The width value is the timer period assigned in the TMx_TMRn_WIDTH register and can range from 1 to 232 – 1. When externally generated, the TMx_CLK clock is called fTMRCLKEXT: Table 58. General-Purpose Port Timing All specifications are based on simulation data and are subject to change without notice. Parameter Min Max Unit Timing Requirement tWFI General-Purpose Port Pin Input Pulse Width 2 × tSCLK0 – 1.5 ns Figure 29. General-Purpose Port Timing Table 59. Timer Cycle Timing—Internal Mode All specifications are based on simulation data and are subject to change without notice. Parameter Min Max Unit Timing Requirements tWL Timer Pulse Width Input Low (Measured In SCLK0 Cycles)1 1 The minimum pulse width applies for timer signals in width capture and external clock modes. 2 × tSCLK0 ns tWH Timer Pulse Width Input High (Measured In SCLK0 Cycles)1 2 × tSCLK0 ns Switching Characteristic tHTO Timer Pulse Width Output (Measured In SCLK0 Cycles)2 2 WIDTH refers to the value in the TMRx_WIDTH register (it can vary from 2 to 232 – 1). tSCLK0 × WIDTH – 1.7 tSCLK0 × WIDTH + 1.5 ns Table 60. Timer Cycle Timing—External Mode All specifications are based on simulation data and are subject to change without notice. Parameter Min Max Unit Timing Requirements tWL Timer Pulse Width Input Low (Measured In EXT_CLK Cycles)1 1 The minimum pulse width applies for timer signals in width capture and external clock modes. 2 × tEXT_CLK ns tWH Timer Pulse Width Input High (Measured In EXT_CLK Cycles)1 2 × tEXT_CLK ns tEXT_CLK Timer External Clock Period2 2 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external TMR_CLK. For the external TMR_CLK maximum frequency, see the fTMRCLKEXT specification in Table 22. tTMRCLKEXT ns Switching Characteristic tHTO Timer Pulse Width Output (Measured In EXT_CLK Cycles)3 3 WIDTH refers to the value in the TMRx_WIDTH register (it can vary from 1 to 232 – 1). tEXT_CLK × WIDTH – 1.5 tEXT_CLK × WIDTH + 1.5 ns GPIO INPUT tWFI tTMRCLKEXT 1 fTMRCLKEXT ------------------ = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |