Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 2Page - Analog Devices ADSP-SC596 Datasheet HTML 3Page - Analog Devices ADSP-SC596 Datasheet HTML 4Page - Analog Devices ADSP-SC596 Datasheet HTML 5Page - Analog Devices ADSP-SC596 Datasheet HTML 6Page - Analog Devices ADSP-SC596 Datasheet HTML 7Page - Analog Devices ADSP-SC596 Datasheet HTML 8Page - Analog Devices ADSP-SC596 Datasheet HTML 9Page - Analog Devices ADSP-SC596 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 6 of 134
|
May 2022
accesses are most efficient when one block stores data using the
DM bus for transfers, and the other block stores instructions
and data using the PM bus for transfers.
Using the DM and PM buses, with each bus dedicated to a
memory block, assures single-cycle execution with two data
transfers. In this case, the instruction must be available in the
cache.
The system configuration is flexible, but a typical configuration
is 512 kb DM, 128 kb PM, and 128 kb of instruction cache, with
the remaining L1 memory configured as SRAM. Each address-
able memory space outside the L1 memory can be accessed
either directly or via cache.
The memory map in Table 2 gives the L1 memory address space
and shows multiple L1 memory blocks offering a configurable
mix of SRAM and cache.
L1 Requester and Completer Ports
Each SHARC+ core has two requester/completer ports to and
from the system fabric. One requester port fetches instructions.
The second requester port drives data to the system world.
Completer Port 1 together with Completer Port 2 memory
direct memory access (MDMA) run conflict free access to the
individual memory blocks. For the completer port address, refer
to the L1 memory address map in Table 2.
L1 On-Chip Memory Bandwidth
The internal memory architecture allows programs to have four
accesses at the same time to any of the four blocks, assuming no
block conflicts. The total bandwidth is realized using both the
DMD and PMD buses (2 × 64-bits CCLK speed and 2 × 32-bit
SYSCLK speed).
Instruction and Data Cache
The ADSP-SC595/SC596/SC598 processors also include a
traditional instruction cache (I-cache) and two data caches
(D-caches, one each for PM/DM) with parity support for all
caches. These caches support one instruction access and two
data accesses over the DM and PM buses per CCLK cycle. The
cache controllers automatically manage the configured L1
memory. The system can configure part of the L1 memory for
automatic management by the cache controllers. The sizes of
Figure 3. SHARC+ SIMD Core Block Diagram
S
SIMD Core
11-STAGE
PROGRAM SEQUENCER
PM ADDRESS 32
PM DATA 64
DM DATA 64
DM ADDRESS 32
DAG1
16 × 32
MRF
80-BIT
ALU
MULTIPLIER
SHIFTER
PEx
DATA
REGISTER
Rx
16 × 40-BIT
DMD/PMD 64
ASTATx
STYKx
ASTATy
STYKy
PEy
DATA
REGISTER
Sx
16 × 40-BIT
MRB
80-BIT
MSB
80-BIT
MSF
80-BIT
DAG2
16 × 32
ALU
MULTIPLIER
SHIFTER
DATA
SWAP
SYSTEM
I/F
USTAT
PX
PM ADDRESS 24
PM DATA 48
DEBUG
TRACE
FLAGS
CEC
BTB
BP
CONFLICT
CACHE
TO
IMIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com