Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 12Page - Analog Devices ADSP-SC596 Datasheet HTML 13Page - Analog Devices ADSP-SC596 Datasheet HTML 14Page - Analog Devices ADSP-SC596 Datasheet HTML 15Page - Analog Devices ADSP-SC596 Datasheet HTML 16Page - Analog Devices ADSP-SC596 Datasheet HTML 17Page - Analog Devices ADSP-SC596 Datasheet HTML 18Page - Analog Devices ADSP-SC596 Datasheet HTML 19Page - Analog Devices ADSP-SC596 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 16 of 134
|
May 2022
• Optional packing and unpacking of data to/from 32 bits
from/to 8 bits, 16 bits, and 24 bits. If packing/unpacking is
enabled, configure endianness to change the order of pack-
ing/unpacking of bytes or words.
• RGB888 can be converted to RGB666 or RGB565 for trans-
mit modes.
• Various deinterleaving/interleaving modes for receiving or
transmitting 4:2:2 YCrCb data
• Configurable LCD data enable output available on Frame
Sync 3
Universal Asynchronous Receiver/Transmitter
(UART) Ports
The processors provide four full-duplex universal asynchronous
receiver/transmitter (UART) ports, fully compatible with PC
standard UARTs. Each UART port provides a simplified UART
interface to other peripherals or hosts, supporting full-duplex,
DMA supported, asynchronous transfers of serial data. A UART
port includes support for five to eight data bits as well as no par-
ity, even parity, or odd parity.
Optionally, an additional address bit can be transferred to inter-
rupt only addressed nodes in multidrop bus (MDB) systems. A
frame is terminated by a configurable number of stop bits.
The UART ports support automatic hardware flow control
through the clear to send (CTS) input and request to send (RTS)
output with programmable assertion first in, first out (FIFO)
levels.
To help support the Local Interconnect Network (LIN) proto-
cols, a special command causes the transmitter to queue a break
command of programmable bit length into the transmit buffer.
Similarly, the number of stop bits can be extended by a pro-
grammable interframe space.
Serial Peripheral Interface (SPI) Ports
The processors have four industry-standard SPI-compatible
ports that allow the processors to communicate with multiple
SPI-compatible devices.
The baseline SPI peripheral is a synchronous, 4-wire interface
consisting of two data pins, one device select pin, and a gated
clock pin. The two data pins allow full-duplex operation to
other SPI-compatible devices. An extra two (optional) data pins
are provided to support quad-SPI operation. Enhanced modes
of operation, such as flow control, fast mode, and dual-I/O
mode (DIOM), are also supported. DMA mode allows for trans-
ferring several words with minimal central processing unit
(CPU) interaction.
With a range of configurable options, the SPI ports provide a
glueless hardware interface with other SPI-compatible devices
in master mode, slave mode, and multimaster environments.
The SPI peripheral includes programmable baud rates, clock
phase, and clock polarity. The peripheral can operate in a multi-
master environment by interfacing with several other devices,
acting as either a master device or a slave device. In a multimas-
ter environment, the SPI peripheral uses open-drain outputs to
avoid data bus contention. The flow control features enable slow
slave devices to interface with fast master devices by providing
an SPI ready pin (SPI_RDY), which flexibly controls the
transfers.
The baud rate and clock phase and polarities of the SPI port are
programmable. The port has integrated DMA channels for both
transmit and receive data streams.
Octal Serial Peripheral Interface (OSPI) Port
The octal serial peripheral interface (OSPI) port provides an
increased external memory data bus width (up to eight bits in
parallel). The OSPI port supports dual data rate (DDR) modes
of operation, which enable the transfer of up to 16 bits of data
each clock cycle. The OSPI port provides overall data through-
put and performance improvement, including faster boot time.
Features of the OSPI port include:
• Support for single-, dual-, quad-, or octal-I/O transfers
• Multiple modes of operation including direct and software
triggered instruction generator (STIG)
• Support for execute in place (XIP): continuous mode
• Programmable page and block sizes
• Programmable write protected regions
• Programmable memory timing
• Support for DDR commands
• Support for PHY mode of operation to enable high speed
transfers
• Support for DQS to increase robustness of data sampling at
higher speeds
Link Port (LP)
Two 8-bit wide link ports (LPs) can connect to the link ports of
other DSPs or peripherals. Link ports are bidirectional and have
eight data lines, an acknowledge line, and a clock line.
Link ports can operate in reduced pin mode, thereby reducing
the number of pins required to interface between two proces-
sors. For example, two processors can be connected using the
link port in 4-bit single data rate (SDR) and dual data rate
(DDR) modes.
Ethernet Media Access Controller (EMAC)
The processor features an ethernet media access controller
(EMAC): 10/100/1000 AVB Ethernet with precision time proto-
col (IEEE 1588).
The processors can directly connect to a network through
embedded fast EMAC that supports 10Base-T (10 Mb/sec),
100Base-T (100 Mb/sec) and 1000Base-T (1 Gb/sec) operations.
Some standard features of the EMAC are as follows:
• Support of MII/RMII/RGMII protocols for external PHYs
• Full-duplex and half-duplex modes
• Media access management (in half-duplex operation)
• Flow control
• Station management, including the generation of
MDC/MDIO frames for read/write access to PHY registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com