Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 69 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 65Page - Analog Devices ADSP-SC596 Datasheet HTML 66Page - Analog Devices ADSP-SC596 Datasheet HTML 67Page - Analog Devices ADSP-SC596 Datasheet HTML 68Page - Analog Devices ADSP-SC596 Datasheet HTML 69Page - Analog Devices ADSP-SC596 Datasheet HTML 70Page - Analog Devices ADSP-SC596 Datasheet HTML 71Page - Analog Devices ADSP-SC596 Datasheet HTML 72Page - Analog Devices ADSP-SC596 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 134 page
background image
Rev. PrD
|
Page 69 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
PRELIMINARY TIMING SPECIFICATIONS
All specifications and characteristics apply across the entire operating conditions range unless otherwise noted.
Power-Up Reset Timing
Table 37 and Figure 7 show the relationship between power supply startup and processor reset timing, as relating to the clock generation
unit (CGU) and the reset control unit (RCU).
In Figure 7, the VDD_SUPPLIES are VDD_INT, VDD_EXT, VDD_DMC, VDD_REF, and VDD_ANA. The VDELTA_EXT_REF specification must be met at
all times, including during power-up reset and when powering down the device (Figure 8).
Table 37. Power-Up Reset Timing
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirement
tRST_IN_PWR
SYS_HWRST Deasserted after VDD_SUPPLIES (VDD_INT, VDD_EXT, VDD_DMC, VDD_REF,
VDD_ANA) and SYS_CLKIN0 are Stable and Within Specification
11 × tCKIN
ns
Figure 7. Power-Up Reset Timing
Figure 8. Power-Up and Power-Down Voltage Delta Requirement
SYS_HWRST
tRST_IN_PWR
SYS_CLKIN0
V
DD_SUPPLIES
0V
VDD_EXT
VDD_REF,
VDD_ANA
POWER-UP
POWER-DOWN
OPERATIONAL
V
DD_EXT
V
DD_REF
AND V
DD_EXT
V
DD_ANA
MUST NOT EXCEED V
DELTA_EXT_REF
AT ANY TIME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com