Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 67 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 63Page - Analog Devices ADSP-SC596 Datasheet HTML 64Page - Analog Devices ADSP-SC596 Datasheet HTML 65Page - Analog Devices ADSP-SC596 Datasheet HTML 66Page - Analog Devices ADSP-SC596 Datasheet HTML 67Page - Analog Devices ADSP-SC596 Datasheet HTML 68Page - Analog Devices ADSP-SC596 Datasheet HTML 69Page - Analog Devices ADSP-SC596 Datasheet HTML 70Page - Analog Devices ADSP-SC596 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 67 of 134
|
May 2022
Clock Current
The dynamic clock currents provide the total power dissipated
by all transistors switching in the clock paths. The power dissi-
pated by each clock domain is dependent on voltage (VDD_INT),
operating frequency, and a unique scaling factor.
IDD_INT_SYSCLK_DYN (mA) = 0.651 × fSYSCLK (MHz) ×
VDD_INT (V)
IDD_INT_SCLK0_DYN (mA) = 0.41 × fSCLK0 (MHz) × VDD_INT (V)
IDD_INT_SCLK1_DYN (mA) = 0.015 × fSCLK1 (MHz) ×
VDD_INT (V)
IDD_INT_DCLK_DYN (mA) = 0.097 × fDCLK (MHz) × VDD_INT (V)
IDD_INT_OCLK_DYN (mA) = 0.093 × fOCLK (MHz) × VDD_INT (V)
Data Transmission Current
The data transmission current represents the power dissipated
when moving data throughout the system via DMA. This cur-
rent is proportional to the data rate. Refer to the power
calculator available with Estimating Power for ADSP-SC595/
SC596/SC598 SHARC+ Processors (EE-TBD) to estimate
IDD_INT_DMA_DR_DYN based on the bandwidth of the data
transfer.
HADC
HADC Electrical Characteristics
HADC DC Accuracy
HADC Timing Specifications
Table 27. Dynamic Current for SHARC+®Core
(mA, with ASF = 1.00)
fCCLK (MHz)
Voltage (VDD_INT)
0.95 V
1.00 V
1.05 V
400
TBD
TBD
TBD
450
TBD
TBD
TBD
500
TBD
TBD
TBD
550
TBD
TBD
TBD
600
TBD
TBD
TBD
650
TBD
TBD
TBD
700
TBD
TBD
TBD
750
TBD
TBD
TBD
800
TBD
TBD
TBD
850
TBD
TBD
TBD
900
TBD
TBD
TBD
950
TBD
TBD
TBD
1000
TBD
TBD
TBD
Table 28. Dynamic Current for the Arm
® Cortex®-A55 Core
(mA, with ASF = 1.00)
fCCLK (MHz)
Voltage (VDD_INT)
0.95 V
1.00 V
1.05 V
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
Table 29. HADC Electrical Characteristics
Parameter
Conditions
Typ Unit
IDD_HADC_IDLE
Current consumption on
VDD_HADC
HADC is powered on, but not
converting
TBD mA
IDD_HADC_ACTIVE
Current consumption on
VDD_HADC during a conversion
TBD mA
IDD_HADC_POWERDOWN Current consumption on
VDD_HADC
Analog circuitry of the HADC is
powered down
TBD μA
Table 30. HADC DC Accuracy for BGA_ED1
1 See the Preliminary Operating Conditions section for the HADC0_VINx
specification.
Parameter
Typ
Unit2
2 LSB = HADC0_VREFP ÷ 1024.
Resolution
TBD
Bits
No Missing Codes (NMC)
TBD
Bits
Integral Nonlinearity (INL)
±TBD
LSB
Differential Nonlinearity (DNL)
±TBD
LSB
Offset Error
±TBD
LSB
Offset Error Matching
±TBD
LSB
Gain Error
±TBD
LSB
Gain Error Matching
±TBD
LSB
Table 31. HADC Timing Specifications
Parameter
Typ
Max
Unit
Conversion Time1
1 Refer to the ADSP-SC595/SC596/SC598 SHARC+ Processor Hardware
Reference for additional information about TSAMPLE.
20 × TSAMPLE
μs
Throughput Range
TBD
MSPS
TWAKEUP
TBD
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com