Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 84 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 80Page - Analog Devices ADSP-SC596 Datasheet HTML 81Page - Analog Devices ADSP-SC596 Datasheet HTML 82Page - Analog Devices ADSP-SC596 Datasheet HTML 83Page - Analog Devices ADSP-SC596 Datasheet HTML 84Page - Analog Devices ADSP-SC596 Datasheet HTML 85Page - Analog Devices ADSP-SC596 Datasheet HTML 86Page - Analog Devices ADSP-SC596 Datasheet HTML 87Page - Analog Devices ADSP-SC596 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
Rev. PrD
|
Page 84 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
SPI Port—Master Timing
SPI0, SPI1, and SPI2
Table 50 and Figure 20 describe the SPI port master operations.
When internally generated, the programmed SPI clock (fSPICLKPROG) frequency in megahertz is set by the following equation:
where BAUD is a field in the SPIx_CLK register that can be set from 0 to 65,535.
Note that
• In dual-mode data transmit, the SPIx_MISO signal is also an output.
• In quad-mode data transmit, the SPIx_MISO, SPIx_D2, and SPIx_D3 signals are also outputs.
• In dual-mode data receive, the SPIx_MOSI signal is also an input.
• In quad-mode data receive, the SPIx_MOSI, SPIx_D2, and SPIx_D3 signals are also inputs.
• Quad mode is supported by SPI1 and SPI2.
• CPHA is a configuration bit in the SPI_CTL register.
Table 50. SPI Port—Master Timing1
1 All specifications apply to SPI0, SPI1, and SPI2.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSSPIDM
Data Input Valid to SPIx_CLK Edge (Data Input Setup)
3.5
ns
tHSPIDM
SPIx_CLK Sampling Edge to Data Input Invalid
2
ns
Switching Characteristics
tSDSCIM
SPIx_SEL Low to First SPI_CLK Edge for CPHA = 12
2 Specification assumes the LEADX and LAGX bits in the SPI_DLY register are 1.
tSPICLKPROG – 5
ns
SPIx_SEL Low to First SPI_CLK Edge for CPHA = 02
1.5 × tSPICLKPROG – 5
ns
tSPICHM
SPIx_CLK High Period3
3 See Table 22 for details on the minimum period that can be programmed for tSPICLKPROG.
0.5 × tSPICLKPROG – 1.5
ns
tSPICLM
SPIx_CLK Low Period3
0.5 × tSPICLKPROG – 1.5
ns
tSPICLK
SPIx_CLK Period3
tSPICLKPROG – 1.5
ns
tHDSM
Last SPIx_CLK Edge to SPIx_SEL High for CPHA = 12
1.5 × tSPICLKPROG – 5
ns
Last SPIx_CLK Edge to SPIx_SEL High for CPHA = 02
tSPICLKPROG – 5
ns
tSPITDM
Sequential Transfer Delay2, 4
4 Applies to sequential mode with STOP ≥ 1.
tSPICLKPROG – 1.5
ns
tDDSPIDM
SPIx_CLK Edge to Data Out Valid (Data Out Delay)
2.7
ns
tHDSPIDM
SPIx_CLK Edge to Data Out Invalid (Data Out Hold)
–3.75
ns
fSPICLKPROG
fCDU_CLKO6
BAUD
1
+

----------------------
=
tSPICLKPROG
1
fSPICLKPROG
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com