Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 14Page - Analog Devices ADSP-SC596 Datasheet HTML 15Page - Analog Devices ADSP-SC596 Datasheet HTML 16Page - Analog Devices ADSP-SC596 Datasheet HTML 17Page - Analog Devices ADSP-SC596 Datasheet HTML 18Page - Analog Devices ADSP-SC596 Datasheet HTML 19Page - Analog Devices ADSP-SC596 Datasheet HTML 20Page - Analog Devices ADSP-SC596 Datasheet HTML 21Page - Analog Devices ADSP-SC596 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 18 of 134
|
May 2022
other peripherals via the TRU (for instance, to signal a fault).
Each timer can also be started and stopped by any trigger gener-
ator without core intervention.
Watchdog Timer (WDT)
Three on-chip software watchdog timers (WDT) can be used by
the Arm Cortex-A55 and/or SHARC+ cores. A software watch-
dog can improve system availability by forcing the processors to
a known state, via a general-purpose interrupt, or a fault, if the
timer expires before being reset by software.
The programmer initializes the count value of the timer, enables
the appropriate interrupt, then enables the timer. Thereafter,
the software must reload the counter before it counts down to
zero from the programmed value, protecting the system from
remaining in an unknown state where software that normally
resets the timer stops running due to an external noise condi-
tion or software error.
General-Purpose Counters (CNT)
A 32-bit general-purpose counter (CNT) is provided that can
operate in general-purpose up/down count modes and can
sense 2-bit quadrature or binary codes as typically emitted by
industrial drives or manual thumbwheels. Count direction is
controlled by a level-sensitive input pin or by two edge
detectors.
A third counter input can provide flexible zero marker support
and can input the push button signal of thumbwheel devices. All
three CNT0 pins have a programmable debouncing circuit.
Internal signals forwarded to a GP timer enable the timer to
measure the intervals between count events. Boundary registers
enable auto-zero operation or simple system warning by inter-
rupts when programmed count values are exceeded.
Housekeeping Analog-to-Digital Converter (HADC)
The housekeeping analog-to-digital converter (HADC) pro-
vides a general-purpose, multichannel, successive
approximation ADC. The following baseline HADC features
apply to all models:
• 12-bit ADC core with built in sample and hold
• Throughput rates up to 1 MSPS
• Single external reference with analog inputs between
0 V and 1.8 V
• Selectable ADC clock frequency including the ability to
program a prescaler
• Adaptable conversion type; allows single or continuous
conversion with option of autoscan
• Total of eight single-ended input channels that can be fur-
ther extended to 15 channels by connecting the
HADC_MUX_PIN_NAME pin(s) to an external channel
multiplexer
• Autosequencing capability with up to a total of eight auto-
conversions in a single session. Each conversion can be
programmed to select one to fifteen input channels.
• 16 data registers (individually addressable) to store conver-
sion values
USB 2.0 High Speed (HS) On the Go (OTG) Controller
The USB supports high speed/full speed/low speed (HS/FS/LS)
USB2.0 on the go (OTG) and UTMI+ low pin interface (USBC).
The USB 2.0 OTG dual-role device controller provides a low
cost connectivity solution in industrial applications, as well as
consumer mobile devices such as cell phones, digital still
cameras, and MP3 players. The USB 2.0 controller allows these
devices to transfer data using a point to point USB connection
without the need for a PC host. The module can operate in a tra-
ditional USB peripheral only mode as well as the host mode
presented in the OTG supplement to the USB 2.0 specification.
The USB controller does not have an integrated on-chip PHY
and must connect to an external PHY on the board through an
USBC 8-bit interface supported by the USB controller.
Media Local Bus (MediaLB)
The automotive model has a Microchip MediaLB (MLB) device
interface that allows the processors to function as a media local
bus device. It includes support for both 3-pin and 6-pin media
local bus protocols. The MLB 3-pin configuration supports
speeds up to 1024 × FS. The MLB 6-pin configuration supports
speed of 2048 × FS. The MLB also supports up to 64 logical
channels with up to 468 bytes of data per MLB frame.
The MLB interface supports MOST25, MOST50, and MOST150
data rates and operates in device mode only.
2-Wire Controller Interface (TWI)
The processors include six 2-wire interface (TWI) modules that
provide a simple exchange method of control data between mul-
tiple devices. The TWI module is compatible with the widely
used I2C bus standard. The TWI module offers the capabilities
of simultaneous controller and target operation and support for
both 7-bit addressing and multimedia data arbitration. The
TWI interface utilizes two pins for transferring clock
(TWI_SCL) and data (TWI_SDA) and supports the protocol at
speeds up to 400 kbps. The TWI interface pins are compatible
with 3.3 V logic levels.
Additionally, the TWI module is fully compatible with serial
camera control bus (SCCB) functionality for easier control of
various CMOS camera sensor devices.
General-Purpose I/O (GPIO)
Each general-purpose port pin can be individually controlled by
manipulating the port control, status, and interrupt registers:
• The GPIO direction control register specifies the direction
of each individual GPIO pin as input or output.
• GPIO control and status registers have a write-one-to-
modify mechanism that allows any combination of individ-
ual GPIO pins to be modified in a single instruction,
without affecting the level of any other GPIO pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com